Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L5986
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L5986 Datasheet HTML 31Page - STMicroelectronics L5986 Datasheet HTML 32Page - STMicroelectronics L5986 Datasheet HTML 33Page - STMicroelectronics L5986 Datasheet HTML 34Page - STMicroelectronics L5986 Datasheet HTML 35Page - STMicroelectronics L5986 Datasheet HTML 36Page - STMicroelectronics L5986 Datasheet HTML 37Page - STMicroelectronics L5986 Datasheet HTML 38Page - STMicroelectronics L5986 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Package mechanical data
L5986 - L5986A
36/39
Table 11.
HSOP8 mechanical data
Figure 33.
Package dimensions
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.70
0.0669
A1
0.00
0.15
0.00
0.0059
A2
1.25
0.0492
b
0.31
0.51
0.0122
0.0201
c
0.17
0.25
0.0067
0.0098
D
4.80
4.90
5.00
0.1890
0.1929
0.1969
E
5.80
6.00
6.20
0.2283
0.2441
E1
3.80
3.90
4.00
0.1496
0.1575
e1.27
h
0.25
0.50
0.0098
0.0197
L
0.40
1.27
0.0157
0.0500
k0
8
0.3150
ccc
0.10
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com