Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5986
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5986 Datasheet HTML 14Page - STMicroelectronics L5986 Datasheet HTML 15Page - STMicroelectronics L5986 Datasheet HTML 16Page - STMicroelectronics L5986 Datasheet HTML 17Page - STMicroelectronics L5986 Datasheet HTML 18Page - STMicroelectronics L5986 Datasheet HTML 19Page - STMicroelectronics L5986 Datasheet HTML 20Page - STMicroelectronics L5986 Datasheet HTML 21Page - STMicroelectronics L5986 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Application information
L5986 - L5986A
18/39
Figure 8.
The error amplifier, the PWM modulation and the LC output filter
The transfer function on the LC filter is given by:
Equation 13
where:
Equation 14
Equation 15
As seen in Chapter 5.3 two different kind of network can compensate the loop. In the two
following paragraph the guidelines to select the Type II and Type III compensation network
are illustrated.
6.4.1
Type III compensation network
The methodology to stabilize the loop consists of placing two zeros to compensate the effect
of the LC double pole, so increasing phase margin; then to place one pole in the origin to
FB
COMP
V
REF
E/A
PWM
V
S
OUT
V
CC
C
OUT
ESR
L
G
PW0
G
LC
FB
COMP
V
REF
E/A
PWM
V
S
OUT
V
CC
C
OUT
ESR
L
G
PW0
G
LC
G
LC s
()
1
s
2
π f
zESR
⋅
--------------------------
+
1
s
2
π Qf
⋅
LC
⋅
----------------------------
s
2
π f
LC
⋅
-------------------
⎝⎠
⎛⎞ 2
++
-------------------------------------------------------------------------
=
f
LC
1
2
π
LC
OUT
⋅
1
ESR
R
OUT
---------------
+
⋅⋅
------------------------------------------------------------------------
=
f
zESR
1
2
π ESR C
OUT
⋅⋅
--------------------------------------------
=
,
Q
R
OUT
LC
OUT
R
OUT
ESR
+
()
⋅⋅
⋅
LC
OUT
R
OUT
ESR
⋅⋅
+
------------------------------------------------------------------------------------------
R
OUT
V
OUT
I
OUT
--------------
=
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com