Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5986
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5986 Datasheet HTML 15Page - STMicroelectronics L5986 Datasheet HTML 16Page - STMicroelectronics L5986 Datasheet HTML 17Page - STMicroelectronics L5986 Datasheet HTML 18Page - STMicroelectronics L5986 Datasheet HTML 19Page - STMicroelectronics L5986 Datasheet HTML 20Page - STMicroelectronics L5986 Datasheet HTML 21Page - STMicroelectronics L5986 Datasheet HTML 22Page - STMicroelectronics L5986 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
L5986 - L5986A
Application information
19/39
minimize the dc error on regulated output voltage; finally to place other poles far away the
zero dB frequency.
If the equivalent series resistance (ESR) of the output capacitor introduces a zero with a
frequency higher than the desired bandwidth (that is: 2
π∗ESR∗COUT<1/BW), the type III
compensation network is needed. Multi Layer Ceramic capacitors (MLCC) have very low
ESR (<1 m
Ω), with very high frequency zero, so type III network is adopted to compensate
the loop.
In Figure 9 the type III compensation network is shown. This network introduces two zeros
(fZ1, fZ2) and three poles (fP0, fP1, fP2). They expression are:
Equation 16
Equation 17
Figure 9.
Type III compensation network
In Figure 10 the Bode diagram of the PWM and LC filter transfer function (GPW0 · GLC(f))
and the open loop gain (GLOOP(f) = GPW0 · GLC(f) · GTYPEIII(f)) are drawn.
f
Z1
1
2
π C
3
R
1
R
3
+
()
⋅⋅
------------------------------------------------
=
f
Z2
1
2
π R
4
C
4
⋅⋅
------------------------------
=
,
f
P0
0
=
f
P1
1
2
π R
3
C
3
⋅⋅
------------------------------
=
f
P2
1
2
π R
4
C
4
C
5
⋅
C
4
C
5
+
--------------------
⋅⋅
--------------------------------------------
=
,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com