Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L5986
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L5986 Datasheet HTML 23Page - STMicroelectronics L5986 Datasheet HTML 24Page - STMicroelectronics L5986 Datasheet HTML 25Page - STMicroelectronics L5986 Datasheet HTML 26Page - STMicroelectronics L5986 Datasheet HTML 27Page - STMicroelectronics L5986 Datasheet HTML 28Page - STMicroelectronics L5986 Datasheet HTML 29Page - STMicroelectronics L5986 Datasheet HTML 30Page - STMicroelectronics L5986 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
L5986 - L5986A
Application information
27/39
6.5
Thermal considerations
The thermal design is important to prevent the thermal shutdown of device if junction
temperature goes above 150 °C. The three different sources of losses within the device are:
a)
conduction losses due to the not negligible RDS(on) of the power switch; these are
equal to:
Equation 26
Where D is the duty cycle of the application and the maximum RDS(on) over temperature is
220 m
Ω. Note that the duty cycle is theoretically given by the ratio between V
OUT and VIN,
but actually it is quite higher to compensate the losses of the regulator. So the conduction
losses increases compared with the ideal case.
b)
switching losses due to power MOSFET turn ON and OFF; these can be
calculated as:
Equation 27
Where TRISE and TFALL are the overlap times of the voltage across the power switch (VDS)
and the current flowing into it during turn ON and turn OFF phases, as shown in Figure 15.
TSW is the equivalent switching time. For this device the typical value for the equivalent
switching time is 50 ns.
c)
Quiescent current losses, calculated as:
Equation 28
where IQ is the quiescent current (IQ = 2.4 mA).
The junction temperature TJ can be calculated as:
Equation 29
Where TA is the ambient temperature and PTOT is the sum of the power losses just seen.
RthJA is the equivalent thermal resistance junction to ambient of the device; it can be
calculated as the parallel of many paths of heat conduction from the junction to the ambient.
For this device the path through the exposed pad is the one conducting the largest amount
P
ON
R
DSON
I
OUT
()
2
D
⋅⋅
=
P
SW
V
IN
I
OUT
T
RISE
T
FALL
+
()
2
------------------------------------------- Fsw
⋅⋅
⋅
V
IN
I
OUT
T
SW
F
SW
⋅⋅
⋅
==
P
Q
V
IN
I
Q
⋅
=
T
J
T
A
Rth
JA
P
TOT
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com