Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L5986
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L5986 Datasheet HTML 19Page - STMicroelectronics L5986 Datasheet HTML 20Page - STMicroelectronics L5986 Datasheet HTML 21Page - STMicroelectronics L5986 Datasheet HTML 22Page - STMicroelectronics L5986 Datasheet HTML 23Page - STMicroelectronics L5986 Datasheet HTML 24Page - STMicroelectronics L5986 Datasheet HTML 25Page - STMicroelectronics L5986 Datasheet HTML 26Page - STMicroelectronics L5986 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
L5986 - L5986A
Application information
23/39
6.4.2
Type II compensation network
If the equivalent series resistance (ESR) of the output capacitor introduces a zero with a
frequency lower than the desired bandwidth (that is: 2
π∗ESR∗COUT>1/BW), this zero helps
stabilize the loop. electrolytic capacitors show not negligible ESR (> 30 m
Ω), so with this
kind of output capacitor the type II network combined with the zero of the ESR allows
stabilizing the loop.
In Figure 12 the type II network is shown.
Figure 12.
Type II compensation network
The singularities of the network are:
In Figure 13 the bode diagram of the PWM and LC filter transfer function (GPW0 · GLC(f))
and the open loop gain (GLOOP(f) = GPW0 · GLC(f) · GTYPEII(f)) are drawn.
f
Z1
1
2
π R
4
C
4
⋅⋅
------------------------------
=
f
P0
0
=
f
P1
1
2
π R
4
C
4
C
5
⋅
C
4
C
5
+
--------------------
⋅⋅
--------------------------------------------
=
,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com