Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987 Datasheet (PDF) - STMicroelectronics

L5987 Datasheet PDF - STMicroelectronics
Part # L5987
Download  L5987 Download
File Size   1037.15 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A step-down switching regulator

L5987 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5987 Datasheet PDF - STMicroelectronics

Part # L5987
Download  L5987 Click to download

File Size   1037.15 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A step-down switching regulator

L5987 Datasheet (HTML) - STMicroelectronics


L5987 Product details

Description
The L5987 is a step-down switching regulator with a 3.5 A (minimum) current limited embedded Power MOSFET, so it is able to deliver an up to 3 A current to the load depending on the application conditions.

Features
• 3 A DC output current
• 2.9 V to 18 V input voltage
• Output voltage adjustable from 0.6 V
• 250 kHz switching frequency, programmable up to 1 MHz
• Internal soft-start and inhibit
• Low dropout operation: 100% duty cycle
• Voltage feedforward
• Zero load current operation
• Overcurrent and thermal protection
• VFQFPN 3 x 3 -8L and HSOP8 package

Applications
• Consumer: STB, DVD, DVD recorder, car audio, LCD TV and monitors
• Industrial: PLD, PLA, FPGA, chargers
• Networking: XDSL, modems, DC-DC modules
• Computer: optical storage, hard disk drive, printers, audio/graphic cards
• LED driving




Similar Part No. - L5987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7A step-down switching regulator
18-Oct-2007
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
0.7A step-down switching regulator
18-Oct-2007
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
More results


Similar Description - L5987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
3 A DC step-down switching regulator
01-Mar-2012
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
3 A step-down switching regulator
05-Sep-2014
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com