Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5987
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5987 Datasheet HTML 5Page - STMicroelectronics L5987 Datasheet HTML 6Page - STMicroelectronics L5987 Datasheet HTML 7Page - STMicroelectronics L5987 Datasheet HTML 8Page - STMicroelectronics L5987 Datasheet HTML 9Page - STMicroelectronics L5987 Datasheet HTML 10Page - STMicroelectronics L5987 Datasheet HTML 11Page - STMicroelectronics L5987 Datasheet HTML 12Page - STMicroelectronics L5987 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
L5987 - L5987A
Functional description
9/42
5.1
Oscillator and synchronization
Figure 3 shows the block diagram of the oscillator circuit. The internal oscillator provides a
constant frequency clock. Its frequency depends on the resistor externally connect to FSW
pin. In case the FSW pin is left floating the frequency is 250 kHz; it can be increased as
shown in Figure 5 by external resistor connected to ground.
To improve the line transient performance, keeping the PWM gain constant versus the input
voltage, the voltage feed forward is implemented by changing the slope of the sawtooth
according to the input voltage change (see Figure 4.a).
The slope of the sawtooth also changes if the oscillator frequency is increased by the
external resistor. In this way a frequency feed forward is implemented (Figure 4.b) in order to
keep the PWM gain constant versus the switching frequency (see Section 6.4 for PWM gain
expression).
On the SYNCH pin the synchronization signal is generated. This signal has a phase shift of
180° with respect to the clock. This delay is useful when two devices are synchronized
connecting the SYNCH pin together. When SYNCH pins are connected, the device with
higher oscillator frequency works as Master, so the Slave device switches at the frequency
of the master but with a delay of half a period. This minimizes the RMS current flowing
through the input capacitor [see L5988D data sheet].
Figure 3.
Oscillator circuit block diagram
The device can be synchronized to work at higher frequency feeding an external clock
signal. The synchronization changes the sawtooth amplitude, changing the PWM gain
(Figure 4.c). This changing has to be taken into account when the loop stability is studied.
To minimize the change of the PWM gain, the free running frequency should be set (with a
resistor on FSW pin) only slightly lower than the external clock frequency. This pre-adjusting
of the frequency will change the sawtooth slope in order to get negligible the truncation of
sawtooth, due to the external synchronization.
Clock
Generator
Ramp
Generator
FSW
Sawtooth
Clock
Synchronization
SYNCH
Clock
Generator
Ramp
Generator
FSW
Sawtooth
Clock
Clock
Synchronization
SYNCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com