Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L5987
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L5987 Datasheet HTML 19Page - STMicroelectronics L5987 Datasheet HTML 20Page - STMicroelectronics L5987 Datasheet HTML 21Page - STMicroelectronics L5987 Datasheet HTML 22Page - STMicroelectronics L5987 Datasheet HTML 23Page - STMicroelectronics L5987 Datasheet HTML 24Page - STMicroelectronics L5987 Datasheet HTML 25Page - STMicroelectronics L5987 Datasheet HTML 26Page - STMicroelectronics L5987 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
L5987 - L5987A
Application information
23/42
Figure 11.
Open loop gain: module bode diagram
The guidelines for positioning the poles and the zeroes and for calculating the component
values can be summarized as follow:
1.
Choose a value for R1, usually between 1 k and 5 k.
2.
Choose a gain (R4/R1) in order to have the required bandwidth (BW), that means:
Equation 22
where K is the feed forward constant and 1/K is equals to 9.
3.
Calculate C4 by placing the zero at 50 % of the output filter double pole frequency (fLC):
Equation 23
4.
Calculate C5 by placing the second pole at four times the system bandwidth (BW):
Equation 24
5.
Set also the first pole at four times the system bandwidth and also the second zero at
the output filter double pole:
R
4
BW
f
LC
---------- 1
K
---- R
1
⋅⋅
=
C
4
1
π R
4
f
LC
⋅⋅
---------------------------
=
C
5
C
4
2
π R
4
C
4
4BW
⋅
1
–
⋅⋅⋅
--------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com