Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L5987
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L5987 Datasheet HTML 24Page - STMicroelectronics L5987 Datasheet HTML 25Page - STMicroelectronics L5987 Datasheet HTML 26Page - STMicroelectronics L5987 Datasheet HTML 27Page - STMicroelectronics L5987 Datasheet HTML 28Page - STMicroelectronics L5987 Datasheet HTML 29Page - STMicroelectronics L5987 Datasheet HTML 30Page - STMicroelectronics L5987 Datasheet HTML 31Page - STMicroelectronics L5987 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Application information
L5987 - L5987A
28/42
Equation 29
For example with VOUT = 3.3 V, VIN = 12 V, IO = 3 A, L = 10 μH, COUT = 330 μF,
ESR = 35 m
Ω, the type II compensation network is:
In Figure 15 is shown the module and phase of the open loop gain. The bandwidth is about
32 kHz and the phase margin is 45°.
C
5
C
4
2
π R
4
C
4
4BW
⋅
1
–
⋅⋅⋅
--------------------------------------------------------------
=
R
1
1.5k
Ω
=
R
2
330
Ω
=
R
4
10k
Ω
=
C
4
47nF
=
C
5
82pF
=
,,
,
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com