Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L5987
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L5987 Datasheet HTML 16Page - STMicroelectronics L5987 Datasheet HTML 17Page - STMicroelectronics L5987 Datasheet HTML 18Page - STMicroelectronics L5987 Datasheet HTML 19Page - STMicroelectronics L5987 Datasheet HTML 20Page - STMicroelectronics L5987 Datasheet HTML 21Page - STMicroelectronics L5987 Datasheet HTML 22Page - STMicroelectronics L5987 Datasheet HTML 23Page - STMicroelectronics L5987 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Application information
L5987 - L5987A
20/42
6.4
Compensation network
The compensation network has to assure stability and good dynamic performance. The loop
of the L5987 is based on the voltage mode control. The error amplifier is a voltage
operational amplifier with high bandwidth. So selecting the compensation network the E/A
will be considered as ideal, that is, its bandwidth is much larger than the system one.
The transfer functions of PWM modulator and the output LC filter are studied (see Figure
10.). The transfer function of the PWM modulator, from the error amplifier output (COMP
pin) to the OUT pin, results:
Equation 14
where VS is the sawtooth amplitude. As seen in Chapter 5.1, the voltage feed forward
generates a sawtooth amplitude directly proportional to the input voltage, that is:
Equation 15
In this way the PWM modulator gain results constant and equals to:
Equation 16
The synchronization of the device with an external clock provided trough SYNCH pin can
modifies the PWM modulator gain (see Chapter 5.1 to understand how this gain changes
and how to keep it constant in spite of the external synchronization).
Table 8.
Output capacitors
Manufacturer
Series
Cap value (
μF)
Rated voltage (V)
ESR (m
Ω)
MURATA
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
PANASONIC
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
G
PW0
V
IN
V
s
---------
=
V
S
KV
IN
⋅
=
G
PW0
V
IN
V
s
---------
1
K
----
9
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com