Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L5987
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L5987 Datasheet HTML 27Page - STMicroelectronics L5987 Datasheet HTML 28Page - STMicroelectronics L5987 Datasheet HTML 29Page - STMicroelectronics L5987 Datasheet HTML 30Page - STMicroelectronics L5987 Datasheet HTML 31Page - STMicroelectronics L5987 Datasheet HTML 32Page - STMicroelectronics L5987 Datasheet HTML 33Page - STMicroelectronics L5987 Datasheet HTML 34Page - STMicroelectronics L5987 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
L5987 - L5987A
Application information
31/42
of heat. The RthJA measured on the demonstration board described in the following
paragraph is about 60 °C/W for the VFQFPN package and about 40 °C/W for the HSOP
package.
Figure 16.
Switching losses
6.6
Layout considerations
The PC board layout of switching DC/DC regulator is very important to minimize the noise
injected in high impedance nodes and interferences generated by the high switching current
loops.
In a step down converter the input loop (including the input capacitor, the power MOSFET
and the free wheeling diode) is the most critical one. This is due to the fact that the high
value pulsed current are flowing through it. In order to minimize the EMI, this loop has to be
as short as possible.
The feedback pin (FB) connection to external resistor divider is a high impedance node, so
the interferences can be minimized placing the routing of feedback node as far as possible
from the high current paths. To reduce the pick up noise the resistor divider has to be placed
very close to the device.
To filter the high frequency noise, a small capacitor (220 nF) can be added as close as
possible to the input voltage pin of the device.
Thanks to the exposed pad of the device, the ground plane helps to reduce the thermal
resistance junction to ambient; so a large ground plane enhances the thermal performance
of the converter allowing high power conversion.
In Figure 17 a layout example is shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com