Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L5987
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L5987 Datasheet HTML 18Page - STMicroelectronics L5987 Datasheet HTML 19Page - STMicroelectronics L5987 Datasheet HTML 20Page - STMicroelectronics L5987 Datasheet HTML 21Page - STMicroelectronics L5987 Datasheet HTML 22Page - STMicroelectronics L5987 Datasheet HTML 23Page - STMicroelectronics L5987 Datasheet HTML 24Page - STMicroelectronics L5987 Datasheet HTML 25Page - STMicroelectronics L5987 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Application information
L5987 - L5987A
22/42
6.4.1
Type III compensation network
The methodology to stabilize the loop consists of placing two zeros to compensate the effect
of the LC double pole, so increasing phase margin; then to place one pole in the origin to
minimize the dc error on regulated output voltage; finally to place other poles far away the
zero dB frequency.
If the equivalent series resistance (ESR) of the output capacitor introduces a zero with a
frequency higher than the desired bandwidth (that is: 2
π∗ESR∗COUT<1/BW), the type III
compensation network is needed. Multi layer ceramic capacitors (MLCC) have very low ESR
(<1 m
Ω), with very high frequency zero, so type III network is adopted to compensate the
loop.
In Figure 10 the type III compensation network is shown. This network introduces two zeros
(fZ1, fZ2) and three poles (fP0, fP1, fP2). They expression are:
Equation 20
Equation 21
Figure 10.
Type III compensation network
In Figure 11 the bode diagram of the PWM and LC filter transfer function (GPW0 · GLC(f))
and the open loop gain (GLOOP(f) = GPW0 · GLC(f) · GTYPEIII(f)) are drawn.
f
Z1
1
2
π C
3
R
1
R
3
+
()
⋅⋅
------------------------------------------------
=
f
Z2
1
2
π R
4
C
4
⋅⋅
------------------------------
=
,
f
P0
0
=
f
P1
1
2
π R
3
C
3
⋅⋅
------------------------------
=
f
P2
1
2
π R
4
C
4
C
5
⋅
C
4
C
5
+
--------------------
⋅⋅
--------------------------------------------
=
,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com