Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet (PDF) - Texas Instruments

LM74 Datasheet PDF - Texas Instruments
Part # LM74
Download  LM74 Download
File Size   887.29 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor

LM74 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM74 Datasheet PDF - Texas Instruments

Part # LM74
Download  LM74 Click to download

File Size   887.29 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor

LM74 Datasheet (HTML) - Texas Instruments


LM74 Product details

1FEATURES
2• 0.0625°C Temperature Resolution
• Shutdown Mode Conserves Power Between
Temperature Reading
• SPI and MICROWIRE Bus Interface
• 5-Bump DSBGA Package Saves Space

APPLICATIONS
• System Thermal Management
• Personal Computers
• Disk Drives
• Office Electronics
• Electronic Test Equipment

KEY SPECIFICATIONS
• Supply Voltage 3.0V or 2.65V to 5.5V
• Supply Current
– Operating
– 265μA (typ)
– 520μA (max)
– Shutdown
– 3μA (typ)
• Temperature Accuracy
– −10°C to 65°C, ±1.25°C(max)
– −25°C to 110°C, ±2.1°C(max)
– −55°C to 125°C, ±3°C(max)

DESCRIPTION
The LM74 is a temperature sensor, Delta-Sigma
analog-to-digital converter with an SPI and
MICROWIRE compatible interface. The host can
query the LM74 at any time to read temperature. A
shutdown mode decreases power consumption to
less than 10 μA. This mode is useful in systems
where low average power consumption is critical.
The LM74 has 12-bit plus sign temperature resolution
(0.0625°C per LSB) while operating over a
temperature range of −55°C to +150°C.
The LM74's 3.0V to 5.5V supply voltage range, low
supply current and simple SPI interface make it ideal
for a wide range of applications. These include
thermal management and protection applications in
hard disk drives, printers, electronic test equipment,
and office electronics. The LM74 is available in the
SOIC package as well as the 5-Bump DSBGA
package.




Similar Part No. - LM74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
293Kb / 15P
SPI/MICROWIRE??Digital Temperature Sensor
LM74 NSC-LM74 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
LM Technologies Ltd
LM740 LMTECHNOLOGIES-LM740 Datasheet
4Mb / 8P
Bluetooth Audio Module Class 2 Module CSR BC05 MM - External Antenna
27/FEB/2015
logo
Seoul Semiconductor
LM740Z SEOUL-LM740Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
logo
National Semiconductor ...
LM741 NSC-LM741 Datasheet
213Kb / 8P
Operational Amplifier
May 1998
More results


Similar Description - LM74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM74A NSC-LM74A Datasheet
605Kb / 12P
SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM74CIM-3-NOPB TI1-LM74CIM-3-NOPB Datasheet
1Mb / 22P
LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 TI-LM74_15 Datasheet
1Mb / 22P
LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com