Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM74
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74 Datasheet(HTML) 3 Page - Texas Instruments

  LM74 Datasheet HTML 1Page - Texas Instruments LM74 Datasheet HTML 2Page - Texas Instruments LM74 Datasheet HTML 3Page - Texas Instruments LM74 Datasheet HTML 4Page - Texas Instruments LM74 Datasheet HTML 5Page - Texas Instruments LM74 Datasheet HTML 6Page - Texas Instruments LM74 Datasheet HTML 7Page - Texas Instruments LM74 Datasheet HTML 8Page - Texas Instruments LM74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM74
www.ti.com
SNIS107K – MAY 2000 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to V+ + 0.3V
Input Current at any Pin(2)
5 mA
Package Input Current(2)
20 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility(3)
Human Body Model
LM74CIBP and LM74CITP, pin A2 (SC)
1900V
LM74CIM,LM74CIBP, and LM74CITP all other pins
2000V
Machine Model
200V
Soldering process must comply with Reflow Temperature Profile specifications. See www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
Specified Temperature Range
TMIN to TMAX
See(1)
LM74CIBP and LM74CITP
−40°C to +125°C
LM74CIM
−55°C to +150°C
Supply Voltage Range (+VS)
LM74CIBP and LM74CITP
+2.65V to +5.5V
LM74CIM
+3.0V to +5.5V
(1)
The life expectancy of the LM74 will be reduced when operating at elevated temperatures. LM74
θJA (thermal resistance, junction-to-
ambient) when attached to a printed circuit board with 2 oz. foil is summarized as: Device Number LM74CIM Thermal Resistance (
θJA)
160°C/W. Device Number LM74CIBP Thermal Resistance (
θJA) 250°C/W. Device Number LM74CITP Thermal Resistance (θJA)
250°C/W.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com