Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM74
Description  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM74 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM74 Datasheet HTML 9Page - Texas Instruments LM74 Datasheet HTML 10Page - Texas Instruments LM74 Datasheet HTML 11Page - Texas Instruments LM74 Datasheet HTML 12Page - Texas Instruments LM74 Datasheet HTML 13Page - Texas Instruments LM74 Datasheet HTML 14Page - Texas Instruments LM74 Datasheet HTML 15Page - Texas Instruments LM74 Datasheet HTML 16Page - Texas Instruments LM74 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM74
www.ti.com
SNIS107K – MAY 2000 – REVISED MARCH 2013
Serial Bus Timing Diagrams
Figure 14. a) Reading Continuous Conversion - Single Eight-Bit Frame
Figure 15. b) Reading Continuous Conversion - Two Eight-Bit Frames
Figure 16. c) Writing Shutdown Control
Application Hints
To get the expected results when measuring temperature with an integrated circuit temperature sensor like the
LM74, it is important to understand that the sensor measures its own die temperature. For the LM74, the best
thermal path between the die and the outside world is through the LM74's pins. In the SOIC package all the pins
on the LM74 will have an equal effect on the die temperature. Because the pins represent a good thermal path to
the LM74 die, the LM74 will provide an accurate measurement of the temperature of the printed circuit board on
which it is mounted. There is a less efficient thermal path between the plastic package and the LM74 die. If the
ambient air temperature is significantly different from the printed circuit board temperature, it will have a small
effect on the measured temperature.
In probe-type applications, the LM74 can be mounted inside a sealed-end metal tube, and can then be dipped
into a bath or screwed into a threaded hole in a tank. As with any IC, the LM74 and accompanying wiring and
circuits must be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may
operate at cold temperatures where condensation can occur. Printed-circuit coatings and varnishes such as
Humiseal and epoxy paints or dips are often used to insure that moisture cannot corrode the LM74 or its
connections.
DSBGA Light Sensitivity
The LM74 in the DSBGA package should not be exposed to ultraviolet light. The DSBGA package does not
completely encapsulate the LM74 die in epoxy. Exposing the LM74 DSBGA package to bright sunlight will not
immediatly cause a change in the output reading. Our experiments show that directly exposing the circuit side
(bump side) of the die to high intensity (
≥ 1mW/cm2) ultraviolet light, centered at a wavelength of 254nm, for
greater than 20 minutes will deprogram the EEPROM cells in the LM74. Since the EEPROM is used for storing
calibration coefficients, the LM74 will function but the temperature accuracy will no longer be as specified. Light
can penetrate through the side of the package as well, so exposure to ultra violet radiation is not recommended
even after mounting.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com