Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75B Datasheet (PDF) - Texas Instruments

LM75B Datasheet PDF - Texas Instruments
Part # LM75B
Download  LM75B Download
File Size   964.66 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM75x Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface

LM75B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM75B Datasheet PDF - Texas Instruments

Part # LM75B
Download  LM75B Click to download

File Size   964.66 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM75x Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface

LM75B Datasheet (HTML) - Texas Instruments


LM75B Product details

1 Features
1• No External Components Required
• Shutdown Mode to Minimize Power Consumption
• Up to Eight LM75s Can be Connected to a Single
Bus
• Power Up Defaults Permit Stand-alone Operation
as Thermostat
• UL Recognized Component (LM75B and LM75C)
• Key Specifications:
– Supply Voltage
– LM75B, LM75C: 3 V to 5.5 V
– Supply Current
– Operating: 280 μA (typical)
– Shutdown: 4 μA (typical)
– Temperature Accuracy
– −25°C to 100°C: ±2°C (maximum)
– −55°C to 125°C: ±3°C (maximum)

2 Applications
• General System Thermal Management
• Communications Infrastructure
• Electronic Test Equipment
• Environmental Monitoring

3 Description
The LM75B and LM75C are industry-standard digital
temperature sensors with an integrated Sigma-Delta analog-to-digital converter and I2C interface. The
LM75 provides 9-bit digital temperature readings with
an accuracy of ±2°C from -25°C to 100°C and ±3°C
over –55°C to 125°C.
Communication is accomplished over a 2-wire
interface which operates up to 400kHz. The LM75
has three address pins, allowing up to eight LM75
devices to operate on the same 2-wire bus. The
LM75 has a dedicated over-temperature output (O.S.)
with programmable limit and hystersis. This output
has programmable fault tolerance, which allows the
user to define the number of consecutive error
conditions that must occur before O.S. is activated.
The wide temperature and supply range and I2C
interface make the LM75 ideal for a number of
applications including base stations, electronic test
equipment, office electronics, personal computers,
and any other system where thermal management is
critical to performance. The LM75B and LM75C are available in an SOIC package or VSSOP package.




Similar Part No. - LM75B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75B NXP-LM75B Datasheet
163Kb / 29P
Digital temperature sensor and thermal watchdog
Rev. 02-9 December 2008
LM75B NXP-LM75B Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
LM75B TI-LM75B Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
NXP Semiconductors
LM75B NXP-LM75B Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
plastic thin shrink small outline package; 8 leads;
More results


Similar Description - LM75B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com