Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75B Datasheet (PDF) - NXP Semiconductors

LM75B Datasheet PDF - NXP Semiconductors
Part # LM75B
Download  LM75B Download
File Size   163.65 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital temperature sensor and thermal watchdog

LM75B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM75B Datasheet PDF - NXP Semiconductors

Part # LM75B
Download  LM75B Click to download

File Size   163.65 Kbytes
Page   29 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital temperature sensor and thermal watchdog

LM75B Datasheet (HTML) - NXP Semiconductors


LM75B Product details

General description
The LM75B is a temperature-to-digital converter using an on-chip band gap temperature sensor and Sigma-Delta A-to-D conversion technique with an overtemperature detection output. The LM75B contains a number of data registers: Configuration register (Conf) to store the device settings such as device operation mode, OS operation mode, OS polarity and OS fault queue as described in Section 7 “Functional description”; temperature register (Temp) to store the digital temp reading, and set-point registers (Tos and Thyst) to store programmable overtemperature shutdown and hysteresis limits, that can be communicated by a controller via the 2-wire serial I2C-bus interface. The device also includes an open-drain output (OS) which becomes active when the temperature exceeds the programmed limits. There are three selectable logic address pins so that eight devices can be connected on the same bus without address conflict.
The LM75B can be configured for different operation conditions. It can be set in normal mode to periodically monitor the ambient temperature, or in shutdown mode to minimize power consumption. The OS output operates in either of two selectable modes:
OS comparator mode or OS interrupt mode. Its active state can be selected as either HIGH or LOW. The fault queue that defines the number of consecutive faults in order to activate the OS output is programmable as well as the set-point limits.

Features and benefits
■ Pin-for-pin replacement for industry standard LM75 and LM75A and offers improved
   temperature resolution of 0.125°C and specification of a single part over power supply
   range from 2.8 V to 5.5 V
■ I2C-bus interface with up to 8 devices on the same bus
■ Power supply range from 2.8 V to 5.5 V
■ Temperatures range from -55°C to +125°C
■ Frequency range 20 Hz to 400 kHz with bus fault time-out to prevent hanging up the bus
■ 11-bit ADC that offers a temperature resolution of 0.125°C
■ Temperature accuracy of:
   ♦ ±2°C from -25°C to +100°C
   ♦ ±3°C from -55°C to +125°C
■ Programmable temperature threshold and hysteresis set points
■ Supply current of 1.0 A in shutdown mode for power conservation
■ Stand-alone operation as thermostat at power-up
■ ESD protection exceeds 4500 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Small 8-pin package types: SO8, TSSOP8, 3 mm x 2 mm XSON8U,
   and 2 mm x 3 mm HWSON8

Applications
■ System thermal management
■ Personal computers
■ Electronics equipment
■ Industrial controllers




Similar Part No. - LM75B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75B NXP-LM75B Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
LM75B TI-LM75B Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
NXP Semiconductors
LM75B NXP-LM75B Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
plastic thin shrink small outline package; 8 leads;
logo
Texas Instruments
LM75B TI2-LM75B Datasheet
964Kb / 35P
LM75x Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
REVISED OCTOBER 2015
More results


Similar Description - LM75B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
Digital temperature sensor and thermal Watchdog
2004 Oct 05
logo
STMicroelectronics
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
Digital temperature sensor and thermal watchdog
17-Jul-2008
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com