Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LM75B
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75B Datasheet(HTML) 1 Page - NXP Semiconductors

  LM75B Datasheet HTML 1Page - NXP Semiconductors LM75B Datasheet HTML 2Page - NXP Semiconductors LM75B Datasheet HTML 3Page - NXP Semiconductors LM75B Datasheet HTML 4Page - NXP Semiconductors LM75B Datasheet HTML 5Page - NXP Semiconductors LM75B Datasheet HTML 6Page - NXP Semiconductors LM75B Datasheet HTML 7Page - NXP Semiconductors LM75B Datasheet HTML 8Page - NXP Semiconductors LM75B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The LM75B is a temperature-to-digital converter using an on-chip band gap temperature
sensor and Sigma-Delta A-to-D conversion technique with an overtemperature detection
output. The LM75B contains a number of data registers: Configuration register (Conf) to
store the device settings such as device operation mode, OS operation mode, OS polarity
and OS fault queue as described in Section 7 “Functional description”; temperature
register (Temp) to store the digital temp reading, and set-point registers (Tos and Thyst) to
store programmable overtemperature shutdown and hysteresis limits, that can be
communicated by a controller via the 2-wire serial I2C-bus interface. The device also
includes an open-drain output (OS) which becomes active when the temperature exceeds
the programmed limits. There are three selectable logic address pins so that eight devices
can be connected on the same bus without address conflict.
The LM75B can be configured for different operation conditions. It can be set in normal
mode to periodically monitor the ambient temperature, or in shutdown mode to minimize
power consumption. The OS output operates in either of two selectable modes:
OS comparator mode or OS interrupt mode. Its active state can be selected as either
HIGH or LOW. The fault queue that defines the number of consecutive faults in order to
activate the OS output is programmable as well as the set-point limits.
The temperature register always stores an 11-bit 2's complement data giving a
temperature resolution of 0.125
°C. This high temperature resolution is particularly useful
in applications of measuring precisely the thermal drift or runaway. When the LM75B is
accessed the conversion in process is not interrupted (i.e., the I2C-bus section is totally
independent of the Sigma-Delta converter section) and accessing the LM75B
continuously without waiting at least one conversion time between communications will
not prevent the device from updating the Temp register with a new conversion result. The
new conversion result will be available immediately after the Temp register is updated.
The LM75B powers up in the normal operation mode with the OS in comparator mode,
temperature threshold of 80
°C and hysteresis of 75 °C, so that it can be used as a
stand-alone thermostat with those pre-defined temperature set points.
2.
Features
I Pin-for-pin replacement for industry standard LM75 and LM75A and offers improved
temperature resolution of 0.125
°C and specification of a single part over power supply
range from 2.8 V to 5.5 V
I I2C-bus interface with up to 8 devices on the same bus
I Power supply range from 2.8 V to 5.5 V
I Temperatures range from −55 °C to +125 °C
LM75B
Digital temperature sensor and thermal watchdog
Rev. 02 — 9 December 2008
Product data sheet


Similar Part No. - LM75B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75B NXP-LM75B Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
LM75B TI-LM75B Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
NXP Semiconductors
LM75B NXP-LM75B Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
plastic thin shrink small outline package; 8 leads;
logo
Texas Instruments
LM75B TI2-LM75B Datasheet
964Kb / 35P
LM75x Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
REVISED OCTOBER 2015
More results

Similar Description - LM75B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
Digital temperature sensor and thermal Watchdog
2004 Oct 05
logo
STMicroelectronics
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
Digital temperature sensor and thermal watchdog
17-Jul-2008
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com