Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LM75B
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LM75B Datasheet HTML 2Page - NXP Semiconductors LM75B Datasheet HTML 3Page - NXP Semiconductors LM75B Datasheet HTML 4Page - NXP Semiconductors LM75B Datasheet HTML 5Page - NXP Semiconductors LM75B Datasheet HTML 6Page - NXP Semiconductors LM75B Datasheet HTML 7Page - NXP Semiconductors LM75B Datasheet HTML 8Page - NXP Semiconductors LM75B Datasheet HTML 9Page - NXP Semiconductors LM75B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
6 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
7.2 I2C-bus serial interface
The LM75B can be connected to a compatible 2-wire serial interface I2C-bus as a slave
device under the control of a controller or master device, using two device terminals, SCL
and SDA. The controller must provide the SCL clock signal and write/read data to/from the
device through the SDA terminal. Notice that if the I2C-bus common pull-up resistors have
not been installed as required for I2C-bus, then an external pull-up resistor, about 10 k
Ω,
is needed for each of these two terminals. The bus communication protocols are
described in Section 7.10.
7.2.1 Bus fault time-out
If the SDA line is held LOW for longer than tto (75 ms minimum / 13.3 Hz; guaranteed at
50 ms minimum / 20 Hz), the LM75B will reset to the idle state (SDA released) and wait
for a new START condition. This ensures that the LM75B will never hang up the bus
should there be conflict in the transmission sequence.
7.3 Slave address
The LM75B slave address on the I2C-bus is partially defined by the logic applied to the
device address pins A2, A1 and A0. Each of them is typically connected either to GND for
logic 0, or to VCC for logic 1. These pins represent the three LSB bits of the device 7-bit
address. The other four MSB bits of the address data are preset to ‘1001’ by hard wiring
inside the LM75B. Table 3 shows the device’s complete address and indicates that up to
8 devices can be connected to the same bus without address conflict. Because the input
pins, SCL, SDA and A2 to A0, are not internally biased, it is important that they should not
be left floating in any application.
7.4 Register list
The LM75B contains four data registers beside the pointer register as listed in Table 4.
The pointer value, read/write capability and default content at power-up of the registers
are also shown in Table 4.
Table 3.
Address table
1 = HIGH; 0 = LOW.
MSB
LSB
1001A2
A1
A0
Table 4.
Register table
Register
name
Pointer
value
R/W
POR
state
Description
Conf
01h
R/W
00h
Configuration register: contains a single 8-bit data
byte; to set the device operating condition; default = 0.
Temp
00h
read only
n/a
Temperature register: contains two 8-bit data bytes;
to store the measured Temp data.
Tos
03h
R/W
5000h
Overtemperature shutdown threshold register:
contains two 8-bit data bytes; to store the
overtemperature shutdown Tth(ots) limit;
default = 80
°C.
Thyst
02h
R/W
4B00h
Hysteresis register: contains two 8-bit data bytes;
to store the hysteresis Thys limit; default = 75 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com