Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LM75B
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LM75B Datasheet HTML 4Page - NXP Semiconductors LM75B Datasheet HTML 5Page - NXP Semiconductors LM75B Datasheet HTML 6Page - NXP Semiconductors LM75B Datasheet HTML 7Page - NXP Semiconductors LM75B Datasheet HTML 8Page - NXP Semiconductors LM75B Datasheet HTML 9Page - NXP Semiconductors LM75B Datasheet HTML 10Page - NXP Semiconductors LM75B Datasheet HTML 11Page - NXP Semiconductors LM75B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
8 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
7.4.3 Temperature register
The Temperature register (Temp) holds the digital result of temperature measurement or
monitor at the end of each analog-to-digital conversion. This register is read-only and
contains two 8-bit data bytes consisting of one Most Significant Byte (MSByte) and one
Least Significant Byte (LSByte). However, only 11 bits of those two bytes are used to store
the Temp data in 2’s complement format with the resolution of 0.125
°C. Table 8 shows the
bit arrangement of the Temp data in the data bytes.
When reading register Temp, all 16 bits of the two data bytes (MSByte and LSByte) are
provided to the bus and must be all collected by the controller to complete the bus
operation. However, only the 11 most significant bits should be used, and the 5 least
significant bits of the LSByte are zero and should be ignored. One of the ways to calculate
the Temp value in
°C from the 11-bit Temp data is:
1. If the Temp data MSByte bit D10 = 0, then the temperature is positive and Temp value
(
°C) = +(Temp data) × 0.125 °C.
2. If the Temp data MSByte bit D10 = 1, then the temperature is negative and
Temp value (
°C) = −(2’s complement of Temp data) × 0.125 °C.
Examples of the Temp data and value are shown in Table 9.
B1
OS_COMP_INT R/W
OS operation mode selection
0*
OS comparator
1
OS interrupt
B0
SHUTDOWN
R/W
device operation mode selection
0*
normal
1
shutdown
Table 7.
Conf register …continued
Legend: * = default value.
Bit
Symbol
Access Value Description
Table 8.
Temp register
MSByte
LSByte
7654321076543210
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXX
Table 9.
Temp register value
11-bit binary
(2’s complement)
Hexadecimal value
Decimal value
Value
011 1111 1000
3F8
1016
+127.000
°C
011 1111 0111
3F7
1015
+126.875
°C
011 1111 0001
3F1
1009
+126.125
°C
011 1110 1000
3E8
1000
+125.000
°C
000 1100 1000
0C8
200
+25.000
°C
000 0000 0001
001
1
+0.125
°C
000 0000 0000
000
0
0.000
°C
111 1111 1111
7FF
−1
−0.125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com