Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM75B
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75B Datasheet(HTML) 2 Page - NXP Semiconductors

  LM75B Datasheet HTML 1Page - NXP Semiconductors LM75B Datasheet HTML 2Page - NXP Semiconductors LM75B Datasheet HTML 3Page - NXP Semiconductors LM75B Datasheet HTML 4Page - NXP Semiconductors LM75B Datasheet HTML 5Page - NXP Semiconductors LM75B Datasheet HTML 6Page - NXP Semiconductors LM75B Datasheet HTML 7Page - NXP Semiconductors LM75B Datasheet HTML 8Page - NXP Semiconductors LM75B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
2 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
I Frequency range 20 Hz to 400 kHz with bus fault time-out to prevent hanging up the
bus
I 11-bit ADC that offers a temperature resolution of 0.125 °C
I Temperature accuracy of:
N ±2 °C from −25 °C to +100 °C
N ±3 °C from −55 °C to +125 °C
I Programmable temperature threshold and hysteresis set points
I Supply current of 1.0 µA in shutdown mode for power conservation
I Stand-alone operation as thermostat at power-up
I ESD protection exceeds 4500 V HBM per JESD22-A114, 450 V MM per
JESD22-A115 and 2000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Small 8-pin package types: SO8, TSSOP8 and 3 mm × 2 mm XSON8U
3.
Applications
I System thermal management
I Personal computers
I Electronics equipment
I Industrial controllers
4.
Ordering information
Table 1.
Ordering information
Type
number
Topside
mark
Package
Name
Description
Version
LM75BD
LM75BD
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
LM75BDP
LM75B
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
LM75BGD
75B
XSON8U
plastic extremely thin small outline package; no leads; 8 terminals;
UTLP based; body 3
× 2 × 0.5 mm
SOT996-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com