Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20124 Datasheet (PDF) - Texas Instruments

LM20124 Datasheet PDF - Texas Instruments
Part # LM20124
Download  LM20124 Download
File Size   961.46 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4A, 1MHz PowerWise® Synchronous Buck Regulator

LM20124 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20124 Datasheet PDF - Texas Instruments

Part # LM20124
Download  LM20124 Click to download

File Size   961.46 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4A, 1MHz PowerWise® Synchronous Buck Regulator

LM20124 Datasheet (HTML) - Texas Instruments


LM20124 Product details

1FEATURES
2• LM20124-Q1 is AEC-Q100 qualified and
manufactured on an Automotive Grade Flow
• Input voltage range 2.95V to 5.5V
• Accurate current limit minimizes inductor size
• 96% efficiency at 1 MHz switching frequency
• 32 mΩ integrated FET switches
• Starts up into pre-biased loads
• Output voltage tracking
• Peak current mode control
• Adjustable output voltage down to 0.8V
• Adjustable Soft-Start with external capacitor
• Precision enable pin with hysteresis
• Integrated OVP, UVLO, power good and
thermal shutdown
• TSSOP 16 pin exposed pad package

APPLICATIONS
• Simple to design, high efficiency point of load
regulation from a 5V or 3.3V bus
• High Performance DSPs, FPGAs, ASICs and
microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20124 is a full featured 1 MHz synchronous
buck regulator capable of delivering up to 4A of
continuous output current. The current mode control
loop can be compensated to be stable with virtually
any type of output capacitor. For most cases,
compensating the device only requires two external components, providing maximum flexibility and ease
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suited for a
wide variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for increased system reliability. A precision enable pin
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault detection and supply sequencing is possible with the
integrated power good circuit.
The LM20124 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20124 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The LM20124 is offered in a 16-pin TSSOP package
with an exposed pad that can be soldered to the
PCB, eliminating the need for bulky heatsinks.




Similar Part No. - LM20124

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Texas Instruments
LM20124 TI-LM20124 Datasheet
1Mb / 28P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124-Q1 TI-LM20124-Q1 Datasheet
1Mb / 28P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
National Semiconductor ...
LM20124MH NSC-LM20124MH Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
More results


Similar Description - LM20124

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20154 NSC-LM20154_08 Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20134MHE TI-LM20134MHE Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
LM20134MH TI1-LM20134MH Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
4A PowerWise Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com