Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20154 Datasheet (PDF) - Texas Instruments

LM20154 Datasheet PDF - Texas Instruments
Part # LM20154
Download  LM20154 Download
File Size   994.59 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT

LM20154 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20154 Datasheet PDF - Texas Instruments

Part # LM20154
Download  LM20154 Click to download

File Size   994.59 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT

LM20154 Datasheet (HTML) - Texas Instruments


LM20154 Product details

1FEATURES
2• LM20154-Q1 is AEC-Q100 Qualified and
Manufactured on an Automotive Grade Flow
• Input Voltage Range 2.95V to 5.5V
• Accurate Current Limit Minimizes Inductor
Size
• 96% Peak Efficiency at 1.0 MHz Switching
Frequency
• Frequency Synchronization Output
• 32 mΩ Integrated FET Switches
• Starts up into Pre-Biased Loads
• Output Voltage Tracking
• Peak Current Mode Control
• Adjustable Output Voltage Down to 0.8V
• Adjustable Soft-Start with External Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, Power Good and
Thermal Shutdown
• HTSSOP Exposed Pad Package

APPLICATIONS
• Simple to Design, High Efficiency Point of
Load Regulation from a 5V or 3.3V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Broadband, Networking and Optical
Communications Infrastructure

DESCRIPTION
The LM20154 is a full featured 1 MHz synchronous
buck regulator capable of delivering up to 4A of
continuous output current. The current mode control
loop can be compensated to be stable with virtually
any type of output capacitor. For most cases,
compensating the device only requires two external
components, providing maximum flexibility and ease
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suited for a
wide variety of low voltage systems.
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
increased system reliability. A precision enable pin
and integrated UVLO allows the turn on of the device
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
and externally adjustable Soft-Start circuit. Fault
detection and supply sequencing is possible with the
integrated power good circuit.
The LM20154 features an open drain SYNCOUT pin
which provides an external clock that matches the
switching frequency of the device but is shifted by
180 degrees.
The LM20154 is designed to work well in multi-rail
power supply architectures. The output voltage of the
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20154 is
pre-biased at startup it will not sink current to pull the
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The LM20154 is offered in an exposed pad 16-pin
HTSSOP package that can be soldered to the PCB,
eliminating the need for bulky heatsinks.




Similar Part No. - LM20154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MH NSC-LM20154MH Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20154MH NSC-LM20154MH Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
logo
Texas Instruments
LM20154MH TI1-LM20154MH Datasheet
1Mb / 31P
LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
More results


Similar Description - LM20154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
logo
Intersil Corporation
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 20, 2007
logo
National Semiconductor ...
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20154 NSC-LM20154_08 Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
December 4, 2009
logo
Texas Instruments
LM20154MH TI1-LM20154MH Datasheet
1Mb / 31P
LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20154 TI-LM20154_15 Datasheet
1Mb / 31P
LM20154/LM20154-Q1 4A, 1MHz Synchronous Buck Regulator with SYNCOUT
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com