Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20323 Datasheet (PDF) - Texas Instruments

LM20323 Datasheet PDF - Texas Instruments
Part # LM20323
Download  LM20323 Download
File Size   917.5 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20323 36V, 3A 500 kHz Synchronous Buck Regulator

LM20323 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM20323 Datasheet PDF - Texas Instruments

Part # LM20323
Download  LM20323 Click to download

File Size   917.5 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM20323 36V, 3A 500 kHz Synchronous Buck Regulator

LM20323 Datasheet (HTML) - Texas Instruments


LM20323 Product details

1FEATURES
2• 4.5V to 36V Input Voltage Range
• 3A Output Current, 5.2A Peak Current
• 130 mΩ/110 mΩ Integrated Power MOSFETs
• 93% Peak Efficiency with Synchronous
Rectification
• 1.5% Feedback Voltage Accuracy
• Current Mode Control, Selectable
Compensation
• Fixed 500 kHz Switching Frequency
• Adjustable Output Voltage Down to 0.8V
• Compatible with Pre-biased Loads
• Programmable Soft-start with External
Capacitor
• Precision Enable Pin with Hysteresis
• Integrated OVP, UVLO, PGOOD
• Internally Protected with Peak Current Limit,
Thermal Shutdown and Restart
• Accurate Current Limit Minimizes Inductor
Size
• Non-linear Current Mode Slope Compensation
• 20-Pin HTSSOP Exposed Pad Package

APPLICATIONS
• Simple to Design, high Efficiency Point of
Load Regulation from a 4.5V to 36V Bus
• High Performance DSPs, FPGAs, ASICs and
Microprocessors
• Communications Infrastructure, Automotive

DESCRIPTION
The LM20323 is a full featured 500kHz synchronous buck regulator capable of delivering up to 3A of load
current. The current mode control loop is externally
compensated with only two components, offering both
high performance and ease of use. The device is
optimized to work over the input voltage range of
4.5V to 36V making it well suited for high voltage
systems.
The device features internal Over Voltage Protection
(OVP) and Over Current Protection (OCP) circuits for
increased system reliability. A precision Enable pin
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Startup inrush
currents are limited by both an internally fixed and
externally adjustable soft-start circuit. Fault detection
and supply sequencing are possible with the
integrated power good (PGOOD) circuit.




Similar Part No. - LM20323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323 Datasheet
1Mb / 28P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMH NSC-LM20323AMH Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHE NSC-LM20323AMHE Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
More results


Similar Description - LM20323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Diodes Incorporated
AP6507 DIODES-AP6507 Datasheet
448Kb / 13P
500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
36V, 3A 500 kHz Synchronous Buck Regulator
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com