Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2853 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM2853 Datasheet PDF - National Semiconductor (TI)
Part # LM2853
Download  LM2853 Download
File Size   738.84 Kbytes
Page   12 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator

LM2853 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2853 Datasheet PDF - National Semiconductor (TI)

Part # LM2853
Download  LM2853 Click to download

File Size   738.84 Kbytes
Page   12 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator

LM2853 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2853

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2853 TI1-LM2853 Datasheet
1Mb / 20P
3A 550 kHz Synchronous SIMPLE SWITCHER
LM2853 TI-LM2853 Datasheet
1Mb / 18P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI2-LM2853 Datasheet
635Kb / 26P
LM2853 3-A 550-kHz Synchronous Buck Regulator
REVISED SEPTEMBER 2017
LM2853MH-1.0/NOPB TI-LM2853MH-1.0/NOPB Datasheet
1Mb / 18P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853MH-1.0/NOPB TI2-LM2853MH-1.0/NOPB Datasheet
635Kb / 26P
LM2853 3-A 550-kHz Synchronous Buck Regulator
REVISED SEPTEMBER 2017
More results


Similar Description - LM2853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
EZBuck??3A Simple Buck Regulator
logo
Texas Instruments
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
3A 550 kHz Synchronous SIMPLE SWITCHER
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
36V, 3A 500 kHz Synchronous Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
Synchronous Simple Switcher Buck Regulator
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
Synchronous SIMPLE SWITCHER Buck Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com