Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2853 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM2853 Datasheet PDF - Texas Instruments
Part # LM2853
Download  LM2853 Download
File Size   1216.31 Kbytes
Page   18 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator

LM2853 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2853 Datasheet PDF - Texas Instruments

Part # LM2853
Download  LM2853 Click to download

File Size   1216.31 Kbytes
Page   18 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator

LM2853 Datasheet (HTML) - Texas Instruments




Similar Part No. - LM2853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM2853 TI1-LM2853 Datasheet
1Mb / 20P
3A 550 kHz Synchronous SIMPLE SWITCHER
LM2853 TI2-LM2853 Datasheet
635Kb / 26P
LM2853 3-A 550-kHz Synchronous Buck Regulator
REVISED SEPTEMBER 2017
logo
National Semiconductor ...
LM2853MH-0.8 NSC-LM2853MH-0.8 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853MH-1.0 NSC-LM2853MH-1.0 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results


Similar Description - LM2853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
EZBuck??3A Simple Buck Regulator
logo
Texas Instruments
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
3A 550 kHz Synchronous SIMPLE SWITCHER
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
36V, 3A 500 kHz Synchronous Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
Synchronous Simple Switcher Buck Regulator
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
Synchronous SIMPLE SWITCHER Buck Regulator
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com