Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2853 Datasheet (PDF) - Texas Instruments

LM2853 Datasheet PDF - Texas Instruments
Part # LM2853
Download  LM2853 Download
File Size   635.31 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2853 3-A 550-kHz Synchronous Buck Regulator

LM2853 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2853 Datasheet PDF - Texas Instruments

Part # LM2853
Download  LM2853 Click to download

File Size   635.31 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2853 3-A 550-kHz Synchronous Buck Regulator

LM2853 Datasheet (HTML) - Texas Instruments


LM2853 Product details

1 Features
1• Input Voltage Range of 3 V to 5.5 V
• Factory EEPROM Set Output Voltages From
0.8 V to 3.3 V in 100 mV Increments
• Maximum Load Current of 3A
• Voltage Mode Control
• Internal Type-Three Compensation
• Switching Frequency of 550 kHz
• Low Standby Current of 12 μA
• Internal 40 mΩ MOSFET Switches
• Standard Voltage Options
– 0.8/1.0/1.2/1.5/1.8/2.5/3.0/3.3 Volts
• Exposed Pad 14-Lead HTSSOP (PWP) Package

2 Applications
• Low Voltage Point of Load Regulation
• Local Solution for FPGA/DSP/ASIC Core Power
• Broadband Networking and Communications
Infrastructure

3 Description
The LM2853 synchronous buck regulator is a 550
kHz step-down switching voltage regulator capable of
driving up to a 3A load with excellent line and load
regulation. The LM2853 accepts an input voltage
between 3 V and 5.5 V and delivers a customizable
output voltage that is factory programmable from 0.8
V to 3.3 V in 100 mV increments. Internal type-three
compensation enables a low component count
solution and greatly simplifies external component
selection. The HTSSOP-14 (PWP) package
enhances the thermal performance of the LM2853.




Similar Part No. - LM2853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM2853 TI1-LM2853 Datasheet
1Mb / 20P
3A 550 kHz Synchronous SIMPLE SWITCHER
LM2853 TI-LM2853 Datasheet
1Mb / 18P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853MH-0.8 NSC-LM2853MH-0.8 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853MH-1.0 NSC-LM2853MH-1.0 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results


Similar Description - LM2853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
ON Semiconductor
NCP3155A ONSEMI-NCP3155A Datasheet
391Kb / 24P
3 A Synchronous Buck Regulator
February, 2011 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ1051PI AOSMD-AOZ1051PI Datasheet
635Kb / 14P
EZBuck??3 A Synchronous Buck Regulator
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
logo
Alpha & Omega Semicondu...
AOZ3015PI AOSMD-AOZ3015PI Datasheet
567Kb / 13P
EZBuck??3 A Synchronous Buck Regulator
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
USR1051 UTC-USR1051_15 Datasheet
179Kb / 4P
3 A SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
ON Semiconductor
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com