Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3495 Datasheet (PDF) - Texas Instruments

LM3495 Datasheet PDF - Texas Instruments
Part # LM3495
Download  LM3495 Download
File Size   943.61 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage

LM3495 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3495 Datasheet PDF - Texas Instruments

Part # LM3495
Download  LM3495 Click to download

File Size   943.61 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage

LM3495 Datasheet (HTML) - Texas Instruments


LM3495 Product details

1FEATURES
2• Input Voltage from 2.9V to 18V
• Output Voltage Adjustable from 0.6V to 5.5V
• Feedback Accuracy: ±1%
• Low-Side Sensing, Programmable Current
Limit without Sense Resistor
• Input Under Voltage Lockout
• Hiccup Mode Current Limit Protection
Eliminates Thermal Runaway During Fault
Conditions start•
Internal Soft Start with Tracking Capability
• 200 kHz to 1.5 MHz Switching Frequency,
Synchronizable
• On-Chip Gate Drivers
• Soft Output Discharge During Shutdown
• Startup into Output Pre-Bias
• Operation from a Single Input Rail
• Adaptive Duty Cycle Limit
• TSSOP-16 Package

DESCRIPTION
The LM3495 is a PWM buck regulator which
implements a unique emulated peak current mode
control. This control method eliminates the switching
noise which typically limits current mode operation at
extremely short duty cycles and high operating
frequency. The switching frequency is programmable
between 200 kHz and 1.5 MHz, and can also be
synchronized to an external clock. The LM3495 is
also very fault tolerant with both switch node short,
hiccup mode, and adaptive duty cycle limit protection.
A 0.6V 1% reference and glitch free pre-biased start•
up ensure the most demanding digital loads operate
reliably. Internal soft start and the ability to track the
output of another supply make the LM3495 versatile
and efficient.

APPLICATIONS
• Wide Input Voltage Buck Converters with Low
Voltage, High Accuracy Outputs
• Core Logic Regulators
• High-Efficiency Buck Regulation




Similar Part No. - LM3495

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI1-LM3495 Datasheet
1Mb / 35P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495 TI-LM3495 Datasheet
1Mb / 36P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495MTC NSC-LM3495MTC Datasheet
1Mb / 26P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495MTC/NOPB TI-LM3495MTC/NOPB Datasheet
1Mb / 36P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
More results


Similar Description - LM3495

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOSFETs
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
Dual Synchronous Emulated Current-Mode Controller
logo
Renesas Technology Corp
R2J20702NP RENESAS-R2J20702NP Datasheet
190Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
logo
Texas Instruments
LM5116 TI-LM5116 Datasheet
1Mb / 37P
Emulated Peak Current Mode, Wide Operating Range Up to 100V
LM3000 TI1-LM3000_14 Datasheet
1Mb / 41P
Dual Synchronous Emulated Current-Mode Controller
LM3495 TI1-LM3495_14 Datasheet
1Mb / 35P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
Dual Synchronous Emulated Current-Mode Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com