Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3526 Datasheet (PDF) - Texas Instruments

LM3526 Datasheet PDF - Texas Instruments
Part # LM3526
Download  LM3526 Download
File Size   865.73 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3526 Dual Port USB Power Switch and Over-Current Protection

LM3526 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3526 Datasheet PDF - Texas Instruments

Part # LM3526
Download  LM3526 Click to download

File Size   865.73 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3526 Dual Port USB Power Switch and Over-Current Protection

LM3526 Datasheet (HTML) - Texas Instruments


LM3526 Product details

1FEATURES
2• Compatible with USB1.1 and USB 2.0
• 1 ms Fault Flag Delay Filters Hot-Plug Events
• Smooth Turn-on Eliminates In-rush Induced
Voltage Drop
• UL Recognized Component: REF# 205202
• 1A Nominal Short Circuit Output Current
Protects PC Power Supplies
• Thermal Shutdown Protects Device in Direct
Short Condition
• 500mA Minimum Continuous Load Current
• Small SOIC-8 package minimizes board space
• 2.7V to 5.5V Input Voltage Range
• 140 mΩ Max. Switch Resistance
• 1 μA Max. Standby Current
• 200 μA Max. Operating Current
• Under-voltage Lockout (UVLO)

APPLICATIONS
• Universal Serial Bus (USB) Root Hubs standincluding
Desktop and Notebook PC
• USB Monitor Hubs
• Other Self-Powered USB Hub Devices
• High Power USB Devices Requiring In-rush
Limiting
• General Purpose High Side Switch
Applications

DESCRIPTION
The LM3526 provides Universal Serial Bus standard
power switch and over-current protection for all host
port applications. The dual port device is ideal for
Notebook and desktop PC's that supply power to
more than one port.
A 1 ms delay on the fault flag output prevents
erroneous overcurrent reporting caused by in-rush
currents during hot-plug events.
The dual stage thermal protection circuit in the
LM3526 provides individual protection to each switch
and the entire device. In a short-circuit/over-current
event, the switch dissipating excessive heat is turned
off, allowing the second switch to continue to function
uninterrupted.
The LM3526 accepts an input voltage between 2.7V
and 5.5V allowing use as a device-based in-rush
current limiter for 3.3V USB peripherals, as well as
Root and Self-Powered Hubs at 5.5V. The Enable
inputs accept both 3.3V and 5.0V logic thresholds.
The small size, low RON, and 1 ms fault flag delay
make the LM3526 a good choice for root hubs as well
as per-port power control in embedded and standincluding
alone hubs.




Similar Part No. - LM3526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3526-H NSC-LM3526-H Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3526-L NSC-LM3526-L Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3526M-H NSC-LM3526M-H Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
logo
Texas Instruments
LM3526M-H TI1-LM3526M-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
More results


Similar Description - LM3526

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
Triple Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com