Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550 Datasheet (PDF) - Texas Instruments

LM3550 Datasheet PDF - Texas Instruments
Part # LM3550
Download  LM3550 Download
File Size   878.9 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3550 5-A Super-Capacitor Flash LED Driver

LM3550 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3550 Datasheet PDF - Texas Instruments

Part # LM3550
Download  LM3550 Click to download

File Size   878.9 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3550 5-A Super-Capacitor Flash LED Driver

LM3550 Datasheet (HTML) - Texas Instruments


LM3550 Product details

1 Features
• Up to 5 A Flash Current
• 4 Selectable Super-Capacitor Charge Voltage
Levels (4.5 V, 5 V, 5.3 V, Optimized)
• Adjustable Torch Current (60 mA to 200 mA)
• Ambient Light or LED Thermal Sensing With
Current Scaleback
• Dedicated Indicator LED Current Source
• No Inductor Required
• Programmable Flash Pulse Duration, and Torch
and Flash Currents via I2C-Compatible Interface
• True Shutdown (LED Disconnect)
• Flash Timeout Protection
• Low Profile 20-Pin UQFN Package
(3 mm × 2.5 mm × 0.8 mm)

2 Applications
• Digital Still Camera
• Voltage Rail Management
• Fire Alarm Notification
• Emergency Strobe Lighting
• Intruder Alert Notification
• Barcode Scanner
• Handheld Data Terminal

3 Description
The LM3550 device is a low-noise, switchedcapacitor
DC-DC converter designed to operate as a
current-limited and adjustable (up to 5.3 V) supercapacitor
charger. The LM3550 features userselectable
termination voltages and provides one
adjustable constant current output (up to 200 mA)
and one NFET controller ideal for driving one or more
high-current LEDs in a high-power flash mode or a
low-power torch mode.
The LED current and flash pulse duration of the
LM3550 can be programmed via an I2C-compatible
interface. The STROBE pin allows the flash to be
toggled via a flash-enable signal from a controller or
camera module. The EOC pin sinks current when the
output voltage reaches 95% of the final value.
The ALD/TEMP input pin allows either a light sensor
to adjust the flash-current level based on the ambient
light conditions, or it allows for overtemperature
detection and protection of the LED during highpower
operation or high ambient-temperature
conditions.




Similar Part No. - LM3550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3550 TI1-LM3550 Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550 TI1-LM3550 Datasheet
1Mb / 37P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SP TI1-LM3550SP Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SP/NOPB TI1-LM3550SP/NOPB Datasheet
1Mb / 37P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SPX TI1-LM3550SPX Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
More results


Similar Description - LM3550

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
High Power Switched Capacitor Voltage Convertor/Flash LED Driver
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
Switched Capacitor Flash LED Driver in micro SMD
logo
Integrated Silicon Solu...
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
FLASH LED DRIVER
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
4.3A Super Capacitor Flash LED Driver with 12C
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
LM2758 Switched Capacitor Flash LED Driver in DSBGA
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
Integrated Silicon Solu...
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
FLASH LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com