Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3550
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550 Datasheet(HTML) 2 Page - Texas Instruments

  LM3550 Datasheet HTML 1Page - Texas Instruments LM3550 Datasheet HTML 2Page - Texas Instruments LM3550 Datasheet HTML 3Page - Texas Instruments LM3550 Datasheet HTML 4Page - Texas Instruments LM3550 Datasheet HTML 5Page - Texas Instruments LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
LM3550
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 5
6.7
Typical Characteristics .............................................. 6
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 16
7.5
Programming........................................................... 23
7.6
Register Maps ......................................................... 25
8
Application and Implementation ........................ 28
8.1
Application Information............................................ 28
8.2
Typical Application ................................................. 28
9
Power Supply Recommendations ...................... 35
10
Layout................................................................... 36
10.1
Layout Guidelines ................................................. 36
10.2
Layout Example .................................................... 36
11
Device and Documentation Support ................. 37
11.1
Device Support .................................................... 37
11.2
Related Documentation ....................................... 37
11.3
Receiving Notification of Documentation Updates 37
11.4
Community Resources.......................................... 38
11.5
Trademarks ........................................................... 38
11.6
Electrostatic Discharge Caution ............................ 38
11.7
Glossary ................................................................ 38
12
Mechanical, Packaging, and Orderable
Information ........................................................... 38
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2013) to Revision C
Page
•
Changed title from "5-A Flash LED Driver With Automatic VLED and ESR Detection for Mobile Camera Systems" to "
5-A Super-Capacitor Flash LED Driver"; add top nav icon for reference design ................................................................... 1
•
Added new Applications: delete 'camera phones" ................................................................................................................ 1
•
Deleted redundant text from "Features" and "Description" so required content fits on page 1 ............................................ 1
•
Added "controller or"............................................................................................................................................................... 1
•
Added Device Information and Pin Configuration and Functions sections, ESD Ratings and Thermal Information
tables, Feature Description, Device Functional Modes, Application and Implementation, Power Supply
Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable
Information sections................................................................................................................................................................ 1
•
Deleted footnotes 1, 3, 4 from ROC table rows - no longer necessary ................................................................................ 4
•
Changed value for RθJA from "57°C/W" to "60.1°C/W"; add additional thermal values .......................................................... 4
•
Added "a controller" .............................................................................................................................................................. 13
•
Deleted "in the microcontroller/microprocessor.".................................................................................................................. 13
Changes from Revision A (May 2013) to Revision B
Page
•
Changed layout of National Semiconductor data sheet to TI format.................................................................................... 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com