Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3550
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 9Page - Texas Instruments LM3550 Datasheet HTML 10Page - Texas Instruments LM3550 Datasheet HTML 11Page - Texas Instruments LM3550 Datasheet HTML 12Page - Texas Instruments LM3550 Datasheet HTML 13Page - Texas Instruments LM3550 Datasheet HTML 14Page - Texas Instruments LM3550 Datasheet HTML 15Page - Texas Instruments LM3550 Datasheet HTML 16Page - Texas Instruments LM3550 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Copyright © 2016, Texas Instruments Incorporated
C1+
C1-
C2+
C2-
1.0-MHz
Switch
Frequency
VIN
GND
LM3550
2.7 V to 5.5 V
2X, 3/2X and 1X
Charge Pump
I
2C Interface
Block
General Purpose Register
Current Control Registers
Options Control Register
SDA
SCL
ALD/TEMP High
ALD/TEMP Low
Registers
Current
Limit
Controller
OVP
External
NFET
Controller
Active
Balance
Ambient
Light/
Temperature
Detection
EOC
STROBE
IND
VOUT
BAL
LED-
FB
FET_CON
ALD/TEMP
Output
Disconnect
Voltage
Mode FB
13
LM3550
www.ti.com
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM3550 is a super-capacitor charger and high-current-flash controller based upon a switched-capacitor
boost converter. On the charging end of the application, the LM3550 has a 534 mA (typical) input current limit
that prevents the part from drawing an excessive current when the super-capacitor voltage is below the target
charge voltage. During the charge phase the LM3550 runs in current limit and adaptively change gains (1×, 1.5×,
2×) until the super-capacitor reaches its target charge voltage. Integrated into the LM3550 is an external NFET
controller that allows the flash current drawn from the super-capacitor to remain regulated throughout the flash
cycle. Flash timing and current level can be changed through the I2C-compatible interface.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 STROBE Pin
The STROBE pin on the LM3550 provides an external method of flash triggering. This means a direct connection
between a controller or camera/imager and the LM3550 device can be made, avoiding any latency added due to
communication delays. The STROBE pin can be configured to be rising-edge sensitive (default) or level
sensitive. In the rising-edge sensitive mode, the flash duration is controlled internally and uses the value stored in
the FLASH duration bits (Options Control Register bits 3:0) to determine the pulse length. If level sensitive mode
is selected (Options Control Register bit 7 = 1), the flash-pulse duration can be controlled externally. In this
mode, when the STROBE pin is high, the flash remains on as long as the duration does not exceed the value
stored in the FLASH duration control bits. If the timing does exceed the internal flash-duration value, the LM3550
automatically disables the flash current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com