Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880M Datasheet (PDF) - Texas Instruments

LM4880M Datasheet PDF - Texas Instruments
Part # LM4880M
Download  LM4880M Download
File Size   804.02 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode

LM4880M Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4880M Datasheet PDF - Texas Instruments

Part # LM4880M
Download  LM4880M Click to download

File Size   804.02 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode

LM4880M Datasheet (HTML) - Texas Instruments


LM4880M Product details

1FEATURES
2• No Bootstrap Capacitors or Snubber Circuits
are Necessary
• Small Outline (SOIC) and PDIP Packaging
• Unity-Gain Stable
• External Gain Configuration Capability

APPLICATIONS
• Headphone Amplifier
• Personal Computers
• CD-ROM Players

lowKEY
SPECIFICATIONS
• THD+N at 1kHz at 200mW Continuous Average
Output Power into 8Ω: 0.1% (max)
• THD+N at 1kHz at 85mW Continuous Average
Output Power into 32Ω: 0.1% (typ)
• Output Power at 10% THD+N at 1kHz into 8Ω
325 mW (typ)
• Shutdown Current 0.7 μA (typ)
• 2.7V to 5.5V Supply Voltage Range

DESCRIPTION
The LM4880 is a dual audio power amplifier capable
of delivering typically 250mW per channel of
continuous average power to an 8Ω load with 0.1%
THD+N using a 5V power supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components using
surface mount packaging.
Since the LM4880 does not require bootstrap
capacitors or snubber networks, it is optimally suited
for low-power portable systems.
The LM4880 features an externally controlled, lowKEY
power consumption shutdown mode, as well as an
internal thermal shutdown protection mechanism.
The unity-gain stable LM4880 can be configured by
external gain-setting resistors.




Similar Part No. - LM4880M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4880M NSC-LM4880M Datasheet
375Kb / 12P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4880M TI-LM4880M Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4880M/NOPB TI-LM4880M/NOPB Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4880MX/NOPB TI-LM4880MX/NOPB Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
More results


Similar Description - LM4880M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
675 mW Audio Power Amplifier with Shutdown Mode
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
300 mW Audio Power Amplifier with Shutdown Mode
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4862M TI-LM4862M Datasheet
939Kb / 18P
LM4862 675 mW Audio Power Amplifier with Shutdown
logo
Unisonic Technologies
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
675 mW Audio Power Amplifier with Shutdown Mode
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com