Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010 Datasheet (PDF) - Texas Instruments

LM5010 Datasheet PDF - Texas Instruments
Part # LM5010
Download  LM5010 Download
File Size   951.16 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5010 High-Voltage 1-A Step-Down Switching Regulator

LM5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5010 Datasheet PDF - Texas Instruments

Part # LM5010
Download  LM5010 Click to download

File Size   951.16 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5010 High-Voltage 1-A Step-Down Switching Regulator

LM5010 Datasheet (HTML) - Texas Instruments


LM5010 Product details

1 Features
1• Input Voltage Range: 8 V to 75 V
• Valley Current Limit At 1.25 A
• Switching Frequency Can Exceed 1 MHz
• Integrated N-Channel Buck Switch
• Integrated Start-Up Regulator
• No Loop Compensation Required
• Ultra-Fast Transient Response
• Operating Frequency Remains Constant With
Load and Line Variations
• Maximum Duty Cycle Limited During Start-Up
• Adjustable Output Voltage
• Precision 2.5-V Feedback Reference
• Thermal Shutdown
• Exposed Thermal Pad for Improved Heat
Dissipation

2 Applications
• High Efficiency Point-of-Load (POL) Regulator
• Non-Isolated Telecommunications Buck Regulator
• Secondary High Voltage Post Regulator
• Automotive Systems

3 Description
The LM5010 step-down switching regulator features
all the functions needed to implement a low-cost,
efficient, buck bias regulator capable of supplying in
excess of 1-A load current. This high-voltage
regulator contains an N-Channel Buck Switch, and is
available in thermally enhanced 10-pin WSON and
14-pin HTSSOP packages. The hysteretic regulation
scheme requires no loop compensation, resulting in
fast load transient response, and simplifies circuit
implementation. The operating frequency remains
constant with line and load variations due to the
inverse relationship between the input voltage and
the ON-time. The valley current limit detection is set
at 1.25 A. Additional features include: VCC
undervoltage lockout, thermal shutdown, gate drive
undervoltage lockout, and maximum duty cycle
limiter.




Similar Part No. - LM5010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010 TI1-LM5010 Datasheet
1Mb / 24P
High-Voltage 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
More results


Similar Description - LM5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
1 A step-down switching regulator
09-Sep-2008
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
High-Voltage 1-A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com