Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010A Datasheet (PDF) - Texas Instruments

LM5010A Datasheet PDF - Texas Instruments
Part # LM5010A
Download  LM5010A Download
File Size   878.12 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator

LM5010A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5010A Datasheet PDF - Texas Instruments

Part # LM5010A
Download  LM5010A Click to download

File Size   878.12 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator

LM5010A Datasheet (HTML) - Texas Instruments


LM5010A Product details

1 Features
1• LM5010A-Q1 Qualified for Automotive
Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device Temperature Grade 0: –40°C to 150°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C5
• Wide 6-V to 75-V Input Voltage Range
• Valley Current Limit at 1.25 A
• Programmable Switching Frequency Up To 1 MHz
• Integrated 80-V N-Channel Buck Switch
• Integrated High Voltage Bias Regulator
• No Loop Compensation Required
• Ultra-Fast Transient Response
• Nearly Constant Operating Frequency With Line
and Load Variations
• Adjustable Output Voltage
• 2.5-V, ±2% Feedback Reference
• Programmable Soft-Start
• Thermal Shutdown
• Exposed Thermal Pad for Improved Heat
Dissipation

2 Applications
• Non-Isolated Telecommunications Regulators
• Secondary Side Post Regulators
• Automotive Electronics

3 Description
The LM5010Ax step-down switching regulator is an
enhanced version of the LM5010 with the input
operating range extended to 6-V minimum. The
LM5010Ax features all the functions needed to
implement a low-cost, efficient, buck regulator
capable of supplying in excess of 1-A load current.
This high-voltage regulator integrates an N-Channel
Buck Switch, and is available in thermally enhanced
10-pin WSON and 14-pin HTSSOP packages. The
constant ON-time regulation scheme requires no loop
compensation resulting in fast load transient
response and simplified circuit implementation. The
operating frequency remains constant with line and
load variations due to the inverse relationship
between the input voltage and the ON-time. The
valley current limit detection is set at 1.25 A.
Additional features include: VCC undervoltage
lockout, thermal shutdown, gate drive undervoltage
lockout, and maximum duty cycle limiter.




Similar Part No. - LM5010A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A-Q1 TI1-LM5010A-Q1 Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A-Q1 TI-LM5010A-Q1 Datasheet
1Mb / 27P
High-Voltage 1-A Step-Down Switching Regulator
More results


Similar Description - LM5010A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575 TI-LM2575 Datasheet
195Kb / 12P
1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
1 A step-down switching regulator
09-Sep-2008
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
High-Voltage 1-A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com