Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5104MX/NOPB Datasheet (PDF) - Texas Instruments

LM5104MX/NOPB Datasheet PDF - Texas Instruments
Part # LM5104MX/NOPB
Download  LM5104MX/NOPB Download
File Size   807.64 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5104 High-Voltage Half-Bridge Gate Driver With Adaptive Delay

LM5104MX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5104MX/NOPB Datasheet PDF - Texas Instruments

Part # LM5104MX/NOPB
Download  LM5104MX/NOPB Click to download

File Size   807.64 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5104 High-Voltage Half-Bridge Gate Driver With Adaptive Delay

LM5104MX/NOPB Datasheet (HTML) - Texas Instruments


LM5104MX/NOPB Product details

1 Features
1• Drives Both a High-Side and Low-Side N-Channel
MOSFET
• Adaptive Rising and Falling Edges With
Programmable Additional Delay
• Single Input Control
• Bootstrap Supply Voltage Range up to 118-V DC
• Fast Turnoff Propagation Delay (25 ns Typical)
• Drives 1000-pF Loads With 15-ns Rise and Fall
Times
• Supply Rail Undervoltage Lockout
• SOIC and WSON-10 4-mm × 4-mm Package

2 Applications
• Current Fed Push-Pull Power Converters
• High Voltage Buck Regulators
• Active Clamp Forward Power Converters
• Half-Bridge and Full-Bridge Converters

3 Description
The LM5104 High-Voltage Gate Driver is designed to
drive both the high-side and the low-side N-channel
MOSFETs in a synchronous buck configuration. The
floating high-side driver can work with supply voltages
up to 100 V. The high-side and low-side gate drivers
are controlled from a single input. Each change in
state is controlled in an adaptive manner to prevent
shoot-through issues. In addition to the adaptive
transition timing, an additional delay time can be
added, proportional to an external setting resistor. An
integrated high-voltage diode is provided to charge
high-side gate drive bootstrap capacitor. A robust
level shifter operates at high speed while consuming low power and providing clean level transitions from
the control logic to the high-side gate driver.
Undervoltage lockout is provided on both the low-side
and the high-side power rails. This device is available
in the standard SOIC and the WSON packages.




Similar Part No. - LM5104MX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5104MX/NOPB TI-LM5104MX/NOPB Datasheet
959Kb / 23P
High-Voltage Half-Bridge Gate Driver With Adaptive Delay
More results


Similar Description - LM5104MX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
SM74104 TI-SM74104 Datasheet
1Mb / 25P
SM74104 High Voltage Half-Bridge Gate Driver with Adaptive Delay
LM5102 TI-LM5102_15 Datasheet
957Kb / 22P
LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
LM5104 TI-LM5104_15 Datasheet
959Kb / 23P
High-Voltage Half-Bridge Gate Driver With Adaptive Delay
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com