Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet (PDF) - STMicroelectronics

STDRIVE601 Datasheet PDF - STMicroelectronics
Part # STDRIVE601
Download  STDRIVE601 Download
File Size   406.8 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Triple half-bridge high-voltage gate driver

STDRIVE601 Datasheet (PDF)

Go To PDF Page Download Datasheet
STDRIVE601 Datasheet PDF - STMicroelectronics

Part # STDRIVE601
Download  STDRIVE601 Click to download

File Size   406.8 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Triple half-bridge high-voltage gate driver

STDRIVE601 Datasheet (HTML) - STMicroelectronics


STDRIVE601 Product details

Features
• High voltage rail up to 600 V
• Driver current capability:
– 200 mA source current @ 25 °C
– 350 mA sink current @ 25 °C
• dV/dt transient immunity ±50 V/ns
• Gate driving voltage range from 9 V to 20 V
• Overall input-output propagation delay: 85 ns
• Matched propagation delay for all channels
• 3.3 V, 5 V TTL/CMOS inputs with hysteresis
• Integrated bootstrap diodes
• Comparator for fast overcurrent protection
• Smart shutdown function
• Interlocking and deadtime function
• Dedicated Enable pin
• UVLO function on low-side and high-sides

Description
The STDRIVE601 is a high voltage device manufactured with BCD6s offline
technology. It is a single-chip with three half-bridge gate drivers for N-channel power
MOSFETs or IGBTs suitable for 3-phase applications.
All device outputs can sink and source 350 mA and 200 mA respectively. Prevention
from cross conduction is ensured by interlocking and deadtime function.
The device has dedicated input pins for each output and a shutdown pin. The logic
inputs are CMOS/TTL compatible down to 3.3 V for easy interfacing with control
devices. Matched delays between low-side and high-side sections guarantee no
cycle distortion and allow high frequency operation.
The STDRIVE601 embeds a comparator featuring advanced SmartSD function also
integrated in the device, ensuring fast and effective protection against fault events
like overcurrent, overtemperature, etc.
Dedicated UVLO protection on the low-sides and each of the high-side driving
sections allow to prevent the power switches from operating in low efficiency or
dangerous conditions.
The integrated bootstrap diodes as well as all of the integrated features of this IC
make the application PCB design easier, more compact and simpler, thus reducing
the overall bill of material.
The device is available in SO-28 package.

Applications
• 3-phase motor drives
• Inverters




Similar Part No. - STDRIVE601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
1Mb / 11P
Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
03-Apr-2024
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
STDRIVE101TR STMICROELECTRONICS-STDRIVE101TR Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
STDRIVE102BH STMICROELECTRONICS-STDRIVE102BH Datasheet
3Mb / 56P
Triple half-bridge gate driver with programmable currents
24-Mar-2025
More results


Similar Description - STDRIVE601

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com