Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 3Page - STMicroelectronics STDRIVE601 Datasheet HTML 4Page - STMicroelectronics STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics STDRIVE601 Datasheet HTML 10Page - STMicroelectronics STDRIVE601 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
4
Electrical characteristics
Table 5. Electrical characteristics
Note:
VCC = 15 V; PGND = SGND; TJ = +25 °C, unless otherwise specified. HIN is referred to channels HIN1, HIN2,
HIN3; LIN is referred to channels LIN1, LIN2, LIN3.
Symbol
Pin
Parameter
Test conditions
Min. Typ. Max. Unit
Low-side section supply
VCCTHON
-
VCC UVLO turn-on threshold
-
8
8.5
9
V
VCCTHOFF
VCC UVLO turn-off threshold
-
7.5
8
8.5
V
VCCHYS
VCC UVLO hysteresis
-
0.4
0.5
0.6
V
IQCCU
VCC undervoltage quiescent supply
current
VCC = 7 V; EN = 5 V; CIN = SGND
LVG & HVG: OFF
-
430
744
μA
IQCC
VCC quiescent supply current
EN = 5 V; CIN = SGND
LVG & HVG: OFF
-
950 1450
μA
High-side floating section supply(1)
VBOTHON
20 - 18
24 - 22
28 - 26
VBO UVLO turn-on threshold
-
7.5
8
8.5
V
VBOTHOFF
VBO UVLO turn-off threshold
-
7
7.5
8
V
VBOHYS
VBO UVLO hysteresis
-
0.4
0.5
0.6
V
IQBOU
VBO undervoltage quiescent supply
current
VCC = VBO = 6.5 V; EN = 5 V;
CIN = SGND
LVG OFF; HVG = ON
-
25
62
μA
IQBO
VBOquiescent supply current
VBO = 15 V EN = 5 V; CIN = SGND
LVG OFF; HVG = ON
-
84
150
μA
ILK
-
High voltage leakage current
BOOT = HVG = OUT
= 620V
-
-
15
μA
RDboot
-
Bootstrap Diode on resistance
-
-
215
-
Ω
Output driving buffers
ISO
14, 15,
16, 19,
23, 27
High/Low-side source peak current
TJ = 25°C
160 200
300
mA
Full temperature range(2)
130
-
350
-
ISI
High/Low-side sink peak current
TJ = 25°C
230 350
430
mA
Full temperature range(2)
200
-
500
-
RDSonON
High/Low-side source RDSon
I = 10 mA
24
35
46
Ω
RDSonOFF
High/Low-side sink RDSon
I = 10 mA
11
16
21
Ω
Logic Inputs
Vil
2, 3, 4,
5, 6, 7,
10
Low level logic threshold voltag
-
0.8
-
1.4
V
Vih
High level logic threshold voltage
-
1.8
-
2.3
V
Vhyst
2, 3, 4,
5, 6, 7,
10
Logic input threshold hysteresis
-
0.8
-
1.2
V
VSSDh
11
SmartSD restart threshold
-
3.5
4
4.3
V
VSSDl
SmartSD unlatch threshold
-
-
0.56 0.75
V
ILINh
5, 6, 7
LIN logic “1” input bias current
VLINx = 15 V
-
-
1
μA
ILINl
LIN logic “0” input bias current
VLINx = 0 V
28
43
58
μA
STDRIVE601
Electrical characteristics
DS12949 - Rev 2
page 7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com