Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 9Page - STMicroelectronics STDRIVE601 Datasheet HTML 10Page - STMicroelectronics STDRIVE601 Datasheet HTML 11Page - STMicroelectronics STDRIVE601 Datasheet HTML 12Page - STMicroelectronics STDRIVE601 Datasheet HTML 13Page - STMicroelectronics STDRIVE601 Datasheet HTML 14Page - STMicroelectronics STDRIVE601 Datasheet HTML 15Page - STMicroelectronics STDRIVE601 Datasheet HTML 16Page - STMicroelectronics STDRIVE601 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Figure 6. VCC power ON and UVLO, LVG timing
Fault pin connected to external pull-up.
VCC
VCCthON
VCCthOFF
0 V
0 V
FAULT
LIN
0 V
0 V
LVG
UVLO VCC
Figure 7. VCC power ON and UVLO, HVG timing
Fault pin connected to external pull-up.
VCC
VCCthON
VCCthOFF
0 V
0 V
VBO
BOthON
VBOthOFF
0 V
0 V
FAULT
HIN
HVG-OUT
V
UVLO VCC
5.4
VBO UVLO protection
Dedicated undervoltage protection is available on each bootstrap section between BOOTx and OUTx supply
pins. In order to avoid intermittent operation, a hysteresis sets the turn-off threshold with respect to the turn-on
threshold.
When VBO voltage goes below VBOTHOFF threshold, the HVG output of corresponding bootstrap section is
switched off. When VBO voltage reaches VBOTHON threshold device returns to normal operation and the output
remains off up to the next input pins transition that requests HVG to turn on.
STDRIVE601
VBO UVLO protection
DS12949 - Rev 2
page 13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com