Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 10Page - STMicroelectronics STDRIVE601 Datasheet HTML 11Page - STMicroelectronics STDRIVE601 Datasheet HTML 12Page - STMicroelectronics STDRIVE601 Datasheet HTML 13Page - STMicroelectronics STDRIVE601 Datasheet HTML 14Page - STMicroelectronics STDRIVE601 Datasheet HTML 15Page - STMicroelectronics STDRIVE601 Datasheet HTML 16Page - STMicroelectronics STDRIVE601 Datasheet HTML 17Page - STMicroelectronics STDRIVE601 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Figure 8. VBO power-ON and UVLO timing
VCC
VCCthON
VCCthOFF
0 V
0 V
FAULT
HIN
HVG-OUT
BOthON
VBOthOFF
0 V
V
VBO
0 V
0 V
5.5
Comparator and smart shutdown
This device integrates a comparator committed to the fault protection function, thanks to the SmartShutDown
(SmartSD) circuit.
The SmartSD architecture allows immediate turn-off of the gate driver outputs in the case of overload or
overcurrent condition, by minimizing the propagation delay between the fault detection event and the actual
output switch-off. In fact, the time delay between the fault detection and the output turn-off is not dependent on the
value of the external components connected to the OD pin, which are only used to set the duration of disable time
after the fault.
This provides the possibility to increase the duration of the output disable time after the fault event up to very
large values without increasing the delay time of the protection. The duration of the disable time is determined by
the values of the external capacitor COD and of the optional pull-up resistor connected to OD pin.
The comparator has an internal voltage reference VREF connected to the inverting input, while the non-inverting
input is available on the CIN pin. The comparator CIN input can be connected to an external shunt resistor in
order to implement a fast and simple overcurrent protection function. The output signal of the comparator is
filtered from glitches shorter than tFCIN and then fed to the SmartSD logic.
If the impulse on CIN pin is higher than VREF and wider than tFCIN, the SmartSD logic is triggered and
immediately sets all of the driver outputs to low-level (OFF).
At the same time, FAULT is forced low to signal the event (for example to an MCU input) and OD starts to
discharge the external COD capacitor used to set the duration of the output disable time of the fault event.
The FAULT pin is released and driver outputs restart following the input pins as soon as the output disable time
expires.
The overall disable time is composed of two phases:
The OD unlatch time (t1 in Figure 9. Smart shutdown timing waveforms), which is the time required to
discharge COD capacitor down to VSSDl threshold. The discharge starts as soon as the SmartSD comparator
is triggered.
The OD restart time (t2 in Figure 9. Smart shutdown timing waveforms, which is the time required to
recharge the COD capacitor up to the VSSDh threshold. The recharge of COD starts when the OD internal
MOSFET is turned-off, which happens when the fault condition has been removed (CIN < VREF - CINhyst)
and the voltage on OD reaches the VSSDl threshold. This time normally covers most of the overall output
disable time.
STDRIVE601
Comparator and smart shutdown
DS12949 - Rev 2
page 14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com