Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 3 Page - STMicroelectronics

  STDRIVE601 Datasheet HTML 1Page - STMicroelectronics STDRIVE601 Datasheet HTML 2Page - STMicroelectronics STDRIVE601 Datasheet HTML 3Page - STMicroelectronics STDRIVE601 Datasheet HTML 4Page - STMicroelectronics STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2
Pin description and connection diagram
Figure 2. Pin connection (top view)
1
3
2
28
27
25
26
5
7
6
8
24
21
23
22
4
9
19
20
11
13
12
14
18
15
17
16
10
VCC
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
FAULT
CIN
EN
OD
PGND
SGND
LVG3
LVG2
LVG1
OUT3
HVG3
BOOT3
OUT1
HVG1
BOOT1
OUT2
HVG2
BOOT2
NC
NC
NC
Table 1. Pin description
Pin #
Pin Name
Type
Function
1
VCC
Power Supply
Low-side and logic supply voltage
2
HIN1
Logic Input
High-side driver logic input 1
3
HIN2
Logic Input
High-side driver logic input 2
4
HIN3
Logic Input
High-side driver logic input 3
5
LIN1
Logic Input
Low-side driver logic input 1
6
LIN2
Logic Input
Low-side driver logic input 2
7
LIN3
Logic Input
Low-side driver logic input 3
8
FAULT
OD Output
Fault output
9
CIN
Analog Input
Comparator positive input
10
EN
Logic Input
Enable input, active high
11
OD
OD Output
SmartSD timing Open Drain output, unlatch and restart input
12
SGND
Power Supply
Signal ground
13
PGND
Power Supply
Low-side driver ground
14
LVG3(1)
Analog Output
Low-side driver output 3
15
LVG2(1)
Analog Output
Low-side driver output 2
16
LVG1(1)
Analog Output
Low-side driver output 1
17, 21 25
N.C.
-
Not Connected
18
OUT3
Power Supply
High-side (floating) common voltage driver 3
19
HVG3(1)
Analog Output
High-side driver output 3
20
BOOT3
Power Supply
Bootstrap supply voltage 3
22
OUT2
Power Supply
High-side (floating) common voltage driver 2
STDRIVE601
Pin description and connection diagram
DS12949 - Rev 2
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com