Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 4Page - STMicroelectronics STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics STDRIVE601 Datasheet HTML 10Page - STMicroelectronics STDRIVE601 Datasheet HTML 11Page - STMicroelectronics STDRIVE601 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Symbol
Pin
Parameter
Test conditions
Min. Typ. Max. Unit
IHINh
2, 3, 4
HIN logic “1” input bias current
VHINx = 15 V
-
-
1
μA
IHINl
HIN logic “0” input bias current
VHINx = 0
28
43
58
μA
RPU_IN
2, 3, 4,
5, 6, 7
Logic input pull-up resistor
-
75
100
125
IENh
10
EN logic “1” input bias current
VEN = 15 V
110
150
200
μA
IENl
EN logic "0" input bias current
VEN = 0 V
-
-
1
μA
RPD_EN
10
EN pull-down resistor
-
75
100
125
Sense comparator(3) and FAULT
VREF
-
Internal voltage reference
-
410 460
510
mV
CINhyst
9
Comparator input hysteresis
-
40
70
-
mV
CIN_PD
9
Comparator input pull- down current
VCIN = 1 V
7
10
13
μA
IOD
11
OD internal current source
-
2.5
5
7.5
μA
RON_OD
11
OD On resistance
IOD = 16 mA
19
25
36
Ω
IOL_OD
11
OD low level sink current
VOD = 400 mV
11
16
21
mA
ISAT_OD
11
OD saturation current
VOD = 5 V
-
95
-
mA
VFLOAT_OD
11
OD floating voltage level
OD connected only to an external
capacitance
4.4
4.8
5.2
V
RON_F
8
FAULT ON resistance
IFAULT = 8 mA
-
50
100
Ω
IOL_F
8
FAULT low level sink current
VFAULT = 400 mV
4
8
12
mA
tOD
11
Comparator propagation delay
Rpu = 100 kΩ to 5 V;
voltage step on CIN = 0 to 3.3 V;
50% CIN to 90% OD
-
350
500
ns
tCIN-F
11
Comparator triggering to FAULT
voltage step on CIN = 0 to 3.3 V;
50% CIN to 90% FAULT
-
350
500
ns
tCINoff
11
Comparator triggering to high/low-
side driver propagation delay
voltage step on CIN = 0 to 3.3 V;
50% CIN to 90% LVG/HVG
-
360
510
ns
tFCIN
11
Comparator input filter time
-
200 300
400
ns
SR
11
OD Slew rate
CL = 1 nF;
Rpu = 33 kΩ to 5 V;
90% to 10% OD
20
60
100 V/μs
Dynamic characteristics
ton
2 vs. 27
vs 23
vs 19
High/Low-side driver turn-on
propagation delay
OUT = 0 V BOOT = VCC CL = 1 nF
Vin = 0 to 3.3 V
45
85
120
ns
toff
5 vs. 16
6 vs. 15
7 vs. 14
High/Low-side driver turn-off
propagation delay
45
85
120
ns
tEN
10 vs.
14, 15,
16, 19,
23, 27
Enable to high/low- side driver
propagation delay
245 385
520
ns
tFIN
2,3,4,
5,6,7
LIN HIN input filter time
-
30
40
50
ns
tFEN
10
EN input filter time
-
200 300
400
ns
STDRIVE601
Electrical characteristics
DS12949 - Rev 2
page 8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com