Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 13Page - STMicroelectronics STDRIVE601 Datasheet HTML 14Page - STMicroelectronics STDRIVE601 Datasheet HTML 15Page - STMicroelectronics STDRIVE601 Datasheet HTML 16Page - STMicroelectronics STDRIVE601 Datasheet HTML 17Page - STMicroelectronics STDRIVE601 Datasheet HTML 18Page - STMicroelectronics STDRIVE601 Datasheet HTML 19Page - STMicroelectronics STDRIVE601 Datasheet HTML 20Page - STMicroelectronics STDRIVE601 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
6
Typical application diagram
Figure 10. Typical application diagram
3x Half-Bridge Inputs
VCC UVLO
DETECTION
VCC
LIN1
LIN2
LlN3
LVG1
LVG3
SGND
PGND
LOGIC
SHOOT
THROUGH
PREVENTION
DEADTIME
+
VREF
CIN
LVG2
SMART
SD
VCC
VCC
+
-
OD
HVG3
BOOT3
OUT3
VBO UVLO &
Level Shifter
Floating structure
D3
VCC UVLO
VCC
HVG2
BOOT2
OUT2
VBO UVLO &
Level Shifter
Floating structure
D2
VCC
HVG1
BOOT1
OUT1
VBO UVLO &
Level Shifter
Floating structure
D1
HIN1
HIN2
HlN3
FAULT
+5V
+5V
+5V
+5V
+5V
+5V
+5V
IOD
VCC UVLO
HVG
OUT
LVG
BOOT
HV
IGBT
IGBT
+
RGH_ON
RGH_OFF
RGL_ON
RGL_OFF
DH
DL
RS
RLP
HS
LS
CHV
CBOOT
CSD
CVCC1
VDD
VCC
VCC
COD
RFAULT
3x Power Half-Bridge
THREE-PHASE
MOTOR
M
HIN
LIN
EN
FROM CONTROLLER
FROM CONTROLLER
FROM
CONTROLLER
TO
CONTROLLER
+
CVCC2
Input
noise filter
Input
noise filter
Input
noise filter
Input
noise filter
Input
noise filter
Input
noise filter
EN input
noise filter
Comparator
input filter
CLP
Vcc
ROD
VCC
VCC
STDRIVE601
Typical application diagram
DS12949 - Rev 2
page 17/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com