Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 1 Page - STMicroelectronics

  STDRIVE601 Datasheet HTML 1Page - STMicroelectronics STDRIVE601 Datasheet HTML 2Page - STMicroelectronics STDRIVE601 Datasheet HTML 3Page - STMicroelectronics STDRIVE601 Datasheet HTML 4Page - STMicroelectronics STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SO-28
Features
High voltage rail up to 600 V
Driver current capability:
200 mA source current @ 25 °C
350 mA sink current @ 25 °C
dV/dt transient immunity ±50 V/ns
Gate driving voltage range from 9 V to 20 V
Overall input-output propagation delay: 85 ns
Matched propagation delay for all channels
3.3 V, 5 V TTL/CMOS inputs with hysteresis
Integrated bootstrap diodes
Comparator for fast overcurrent protection
Smart shutdown function
Interlocking and deadtime function
Dedicated Enable pin
UVLO function on low-side and high-sides
Applications
3-phase motor drives
Inverters
Description
The STDRIVE601 is a high voltage device manufactured with BCD6s offline
technology. It is a single-chip with three half-bridge gate drivers for N-channel power
MOSFETs or IGBTs suitable for 3-phase applications.
All device outputs can sink and source 350 mA and 200 mA respectively. Prevention
from cross conduction is ensured by interlocking and deadtime function.
The device has dedicated input pins for each output and a shutdown pin. The logic
inputs are CMOS/TTL compatible down to 3.3 V for easy interfacing with control
devices. Matched delays between low-side and high-side sections guarantee no
cycle distortion and allow high frequency operation.
The STDRIVE601 embeds a comparator featuring advanced SmartSD function also
integrated in the device, ensuring fast and effective protection against fault events
like overcurrent, overtemperature, etc.
Dedicated UVLO protection on the low-sides and each of the high-side driving
sections allow to prevent the power switches from operating in low efficiency or
dangerous conditions.
The integrated bootstrap diodes as well as all of the integrated features of this IC
make the application PCB design easier, more compact and simpler, thus reducing
the overall bill of material.
The device is available in SO-28 package.
Product status link
STDRIVE601
Product summary
Order code
STDRIVE601
STDRIVE601TR
Package
SO-28
Packing
Tube
Tape & Reel
Product label
Triple half-bridge high-voltage gate driver
STDRIVE601
Datasheet
DS12949 - Rev 2 - April 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STDRIVE601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
1Mb / 11P
Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
03-Apr-2024
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
STDRIVE101TR STMICROELECTRONICS-STDRIVE101TR Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
STDRIVE102BH STMICROELECTRONICS-STDRIVE102BH Datasheet
3Mb / 56P
Triple half-bridge gate driver with programmable currents
24-Mar-2025
More results

Similar Description - STDRIVE601

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com