Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 4 Page - STMicroelectronics

  STDRIVE601 Datasheet HTML 1Page - STMicroelectronics STDRIVE601 Datasheet HTML 2Page - STMicroelectronics STDRIVE601 Datasheet HTML 3Page - STMicroelectronics STDRIVE601 Datasheet HTML 4Page - STMicroelectronics STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Pin #
Pin Name
Type
Function
23
HVG2(1)
Analog Output
High-side driver output 2
24
BOOT2
Power Supply
Bootstrap supply voltage 2
26
OUT1
Power Supply
High-side (floating) common voltage driver 1
27
HVG1(1)
Analog Output
High-side driver output 1
28
BOOT1
Power Supply
Bootstrap supply voltage 1
1. The circuit guarantees less than 1 V on the LVG and HVG pins (at Isink = 10 mA), with VCC > 3 V. This allows omitting the
“bleeder” resistor connected between the gate and the source of the external MOSFETs normally used to hold the pin low.
STDRIVE601
Pin description and connection diagram
DS12949 - Rev 2
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com