Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 14Page - STMicroelectronics STDRIVE601 Datasheet HTML 15Page - STMicroelectronics STDRIVE601 Datasheet HTML 16Page - STMicroelectronics STDRIVE601 Datasheet HTML 17Page - STMicroelectronics STDRIVE601 Datasheet HTML 18Page - STMicroelectronics STDRIVE601 Datasheet HTML 19Page - STMicroelectronics STDRIVE601 Datasheet HTML 20Page - STMicroelectronics STDRIVE601 Datasheet HTML 21Page - STMicroelectronics STDRIVE601 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
SO-28 package information
Table 7. SO-28 package dimensions
Dim.
Mm
Min.
Typ.
Max.
A
2.35
-
2.65
A1
0.10
-
0.30
B
0.33
-
0.51
C
0.23
-
0.32
D
17.70
-
18.10
E
7.40
-
7.60
e
-
1.27
-
H
10.00
-
10.65
h
0.25
-
0.75
L
0.40
-
1.27
k
0°
-
8°
ddd
-
-
0.10
STDRIVE601
Package information
DS12949 - Rev 2
page 18/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com