Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics STDRIVE601 Datasheet HTML 10Page - STMicroelectronics STDRIVE601 Datasheet HTML 11Page - STMicroelectronics STDRIVE601 Datasheet HTML 12Page - STMicroelectronics STDRIVE601 Datasheet HTML 13Page - STMicroelectronics STDRIVE601 Datasheet HTML 14Page - STMicroelectronics STDRIVE601 Datasheet HTML 15Page - STMicroelectronics STDRIVE601 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
5
Functional description
5.1
Inputs and outputs
The devices are controlled through the following logic inputs:
EN: Enable input, active high;
LIN: low-side driver inputs, active low;
HIN: high-side driver inputs, active low.
Table 6. Inputs truth table
Note:
Applicable when device is not in UVLO or SmartSD protection
Input pins
Output pins
EN
LIN
HIN
LVG
HVG
L
X
X
Low
Low
H
H
H
Low
Low
H
L
H
High
Low
H
H
L
Low
High
Interlocking
H
L
L
Low
Low
The FAULT and OD pins are open-drain outputs.
The FAULT signal is set low in case VCC UVLO is detected, or in case the SmartShutDown comparator
triggers an event. It is only used to signal a UVLO or SmartSD activation to external circuits, and its state
does not affect the behavior of other functions or circuits inside the driver. The OD behavior is explained in
Section 5.5 Comparator and smart shutdown.
When EN is set low, gate driver outputs are forced low and assure low impedance.
5.2
Deadtime
The deadtime feature, in companion with interlocking feature, guarantees that driver outputs of the same channel
are not high simultaneously and at least a DT time passes between the turn-off of one driver's output and the
turn-on of the companion output of the same channel. If a deadtime longer than the internal DT is applied to
LIN and HIN inputs by the external controller, the internal DT is ignored, and the outputs follow the deadtime
determined by the inputs.
Refer to Figure 4. Deadtime timing definitions for the dead time and interlocking waveforms.
5.3
VCC UVLO protection
Undervoltage protection is available on VCC and BOOT supply pins. In order to avoid intermittent operation, a
hysteresis set the turn-off threshold with respect to the turn-on threshold.
When VCC voltage goes below VCCTHOFF threshold all the outputs are switched off, both LVG and HVG. When
VCC voltage reaches VCCTHON threshold the driver returns to normal operation and sets the LVG outputs
according to actual input pins status; HVG is also set according to input pin status if the corresponding VBO
section is not in UVLO condition.
The FAULT output is kept low when VCC is in UVLO condition. The following figures show some examples of
typical operation conditions.
STDRIVE601
Functional description
DS12949 - Rev 2
page 12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com