Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics STDRIVE601 Datasheet HTML 10Page - STMicroelectronics STDRIVE601 Datasheet HTML 11Page - STMicroelectronics STDRIVE601 Datasheet HTML 12Page - STMicroelectronics STDRIVE601 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Symbol
Pin
Parameter
Test conditions
Min. Typ. Max. Unit
tr
14, 15,
16, 19,
23, 27
Rise time
CL= 1 nF
-
120
160
ns
tf
Fall time
CL= 1 nF
-
50
75
ns
MT
-
Delay matching high/low side turn-
on/off(4)
-
-
0
30
ns
DT
-
Deadtime
CL= 1 nF
200 300
400
ns
MDT
-
Matching deadtime(5)
CL= 1 nF
-
0
50
ns
1. VBO = BOOT - OUT.
2. Values provided by characterization, not tested.
3. Comparator is disabled when VCC is in UVLO condition.
4. MT = max. (|ton(LVG) - toff(LVG)|, |ton(HVG) - toff(HVG)|, |toff(LVG) - ton(HVG)|, |toff(HVG) - ton(LVG)|).
5. MDT = | DTLH - DTHL |, refer to Section 4 Electrical characteristics
Figure 3. Propagation delay timing definition
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%
50%
50%
50%
10%
90%
tr
tf
ton
toff
90%
10%
HVG
LVG
t > DT
t > DT
90%
50%
tEN
LVG/HVG
EN
HIN
LIN
50%
10%
tEN
STDRIVE601
Electrical characteristics
DS12949 - Rev 2
page 9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com