Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 2Page - STMicroelectronics STDRIVE601 Datasheet HTML 3Page - STMicroelectronics STDRIVE601 Datasheet HTML 4Page - STMicroelectronics STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics STDRIVE601 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
3.3
Recommended operating conditions
Table 4. Recommended operating conditions
Note:
Each voltage referred to SGND unless otherwise specified.
Symbol
Parameter
Test conditions
Min.
Max.
Unit
VCC
Logic supply voltage
-
9
20
V
VLS(1)
Low-side drivers supply voltage
-
4
20
V
VPS(2)
Low-side drivers ground
-
-5
5
V
VBO(3)
Floating supply voltage(3)
-
8.5
20
V
VOUT
DC Output voltage
-
-10(4)
580
V
VCIN
Comparator input voltage
-
0
15
V
Vi
Logic input voltage
-
0
15
V
VOD
OD pin voltage
-
0
20
V
VFAULT
FAULT pin voltage
-
0
20
V
FSW(5)
Maximum switching frequency
-
-
800
kHz
PW(6)
Minimum input pulse width
-
100
-
ns
TJ
Junction temperature
-
-40
125
°C
1. VLS = VCC - PGND
2. VPS = PGND - SGND.
3. VBO = BOOT - OUT.
4. VCC = 9 V, LVG off. Logic is operational if VBOOT > 5 V.
5. Actual maximum FSW depends on power dissipation.
6. Pulse width on LIN or HIN pins. See Figure 3. Propagation delay timing definition.
STDRIVE601
Recommended operating conditions
DS12949 - Rev 2
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com