Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 2 Page - STMicroelectronics

  STDRIVE601 Datasheet HTML 1Page - STMicroelectronics STDRIVE601 Datasheet HTML 2Page - STMicroelectronics STDRIVE601 Datasheet HTML 3Page - STMicroelectronics STDRIVE601 Datasheet HTML 4Page - STMicroelectronics STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
Block diagram
Figure 1. Block diagram
VCC UVLO
VCC UVLO
DETECTION
LIN1
LIN2
LlN3
LVG1
LVG3
SGND
PGND
LOGIC
SHOOT
THROUGH
PREVENTION
DEADTIME
+
VREF
CIN
LVG2
SMART
SD
VCC
VCC
+
-
OD
HVG3
BOOT3
OUT3
D3
VCC UVLO
VCC
HVG2
BOOT2
OUT2
Floating structure
D2
VCC
HVG1
BOOT1
OUT1
VBO UVLO &
Level Shifter
D1
HIN1
HIN2
HlN3
FAULT
+5V
+5V
+5V
+5V
+5V
+5V
+5V
+5V
IOD
EN
Input
noise filter
EN Input
noise filter
Comparator
input filter
VBO UVLO &
Level Shifter
VBO UVLO &
Level Shifter
Input
noise filter
Input
noise filter
Input
noise filter
Input
noise filter
Input
noise filter
Floating structure
Floating structure
VCC
VCC
VCC
STDRIVE601
Block diagram
DS12949 - Rev 2
page 2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com